Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAPM3503 Datasheet(PDF) 1 Page - Schneider Electric

Part # XAPM3503
Description  Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 3 cut-outs, 횠22, 80 x 175 x 77 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XAPM3503 Datasheet(HTML) 1 Page - Schneider Electric

  XAPM3503 Datasheet HTML 1Page - Schneider Electric XAPM3503 Datasheet HTML 2Page - Schneider Electric XAPM3503 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
To be discontinued
Harmony XAP, XB2 SL, Empty
control station, zinc alloy, blue, 3
cut-outs, Ø22, 80 x 175 x 77 mm
XAPM3503
To be discontinued on: 30 June 2022
To be end-of-service on: 30 June 2022
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 178.00 USD
Main
Range of Product
Harmony XAP
Product or Component Type
Die-cast empty control station
Device short name
XAPM
Product destination
For Ø 22 mm control and signalling units
Product front plate size
80 x 175 mm
Usable depth
2.93 in (74.5 mm)
Number of cut-out
3 cut-outs
Colour of base of enclosure
Blue
Colour of cover
Blue
Material
Zinc alloy
Cable entry
1 hole with blanking plug for cable gland 0.71 in (18 mm)
1 hole without blanking plug for cable gland 0.71 in (18 mm)
Device mounting
Flush
IP degree of protection
IP65 IEC 60529
Complementary
Number of vertical rows
1
Net weight
2524.29 lb(US) (1145 kg)
Environment
Protective treatment
TC
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class I IEC 60536
Class I NF C 20-030
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Feb 10, 2022
1


Similar Part No. - XAPM3503

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XAPM3503H2 SCHNEIDER-XAPM3503H2 Datasheet
132Kb / 2P
die-cast empty control station - XAPM - 횠22 - zinc alloy - 3 horizontal openings
Feb 25, 2022
More results

Similar Description - XAPM3503

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XAPG39804 SCHNEIDER-XAPG39804 Datasheet
115Kb / 2P
Harmony XAP, Empty control station, zinc alloy, grey, 4 cut-outs, 횠22, 175 x 80 x 77 mm
Feb 10, 2022
XAPM2502 SCHNEIDER-XAPM2502 Datasheet
155Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 2 cut-outs, 횠22, 80 x 130 x 77 mm
Feb 10, 2022
XAPM2503 SCHNEIDER-XAPM2503 Datasheet
157Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 3 cut-outs, 횠22, 80 x 130 x 77 mm
Feb 10, 2022
XAPM3504 SCHNEIDER-XAPM3504 Datasheet
129Kb / 4P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 4 cut-outs, 횠22, 80 x 175 x 77 mm
Feb 10, 2022
XAPM5512 SCHNEIDER-XAPM5512 Datasheet
113Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 12 cut-outs, 횠22, 85 x 310 x 77 mm
Feb 10, 2022
XAPM2203 SCHNEIDER-XAPM2203 Datasheet
158Kb / 4P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 3 cut-outs, 횠22, 80 x 130 x 51.5 mm
Feb 25, 2022
XAPM2504 SCHNEIDER-XAPM2504 Datasheet
108Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 4 cut-outs, 횠22, 80 x 130 x 77 mm
Feb 25, 2022
XAPM3204 SCHNEIDER-XAPM3204 Datasheet
128Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 4 cut-outs, 횠22, 80 x 175 x 51.5 mm
Feb 25, 2022
XAPM3506 SCHNEIDER-XAPM3506 Datasheet
104Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 6 cut-outs, 횠22, 80 x 175 x 77 mm
Feb 25, 2022
XAPM4508 SCHNEIDER-XAPM4508 Datasheet
151Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 8 cut-outs, 횠22, 80 x 220 x 77 mm
Feb 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com