Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGS Datasheet(PDF) 4 Page - Schurter Inc.

Part # FGS
Description  IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FGS Datasheet(HTML) 4 Page - Schurter Inc.

  FGS Datasheet HTML 1Page - Schurter Inc. FGS Datasheet HTML 2Page - Schurter Inc. FGS Datasheet HTML 3Page - Schurter Inc. FGS Datasheet HTML 4Page - Schurter Inc. FGS Datasheet HTML 5Page - Schurter Inc. FGS Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Power Entry Modules with Line Filter
FGS
https://www.schurter.com /PG06
EMC Products
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
1
Standard
2 x 10
47
2
Standard
2 x 4
47
4
Standard
2 x 1.5
47
6
Standard
2 x 0.8
47
10
Standard
2 x 0.3
47
Diagrams
Standard version
1)
2)
L
N
PE
L’
N’
PE’
L1
L2
R
Cx
Cy
Cy
1) Line
2) Load
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
10 A
All Variants
Rated Current
[A]
Mounting
Panel mounting
Terminal
Order Number
1
Snap-in
Mounting from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5011
2
Snap-in
Mounting from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5012
4
Snap-in
Mounting from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5013
6
Snap-in
Mounting from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5014
10
Snap-in
Mounting from front side
Quick connect terminals 6.3 x 0.8 mm
4300.5015
1
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5091
2
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5092
4
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5093
6
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5094
10
Screw
Screw-on from rear side
Quick connect terminals 6.3 x 0.8 mm
4300.5095
1
Screw
Screw-on from rear side
Flexible wire AWG18
4300.5071



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com