Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGS Datasheet(PDF) 1 Page - Schurter Inc.

Part # FGS
Description  IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FGS Datasheet(HTML) 1 Page - Schurter Inc.

  FGS Datasheet HTML 1Page - Schurter Inc. FGS Datasheet HTML 2Page - Schurter Inc. FGS Datasheet HTML 3Page - Schurter Inc. FGS Datasheet HTML 4Page - Schurter Inc. FGS Datasheet HTML 5Page - Schurter Inc. FGS Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power Entry Modules with Line Filter
FGS
https://www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
Snap-In Version with quick connect terminals
6.3 x 0.8 mm
Screw-on Version
with quick connect terminals 6.3 x 0.8 mm
Screw-On Version with flexible wires
See below:
Approvals and Compliances
C14
70° C
Description
- Panel mount :
Snap-in or screw-on mounting from front or rear-side
- 2 Functions :
Appliance Inlet , Line-filter in standard version
- Quick connect terminals or wires
Characteristics
- Compact design with optimal shielding
- All single elements are already wired
- For standard applications
- For applications according IEC/UL 62368-1 we recommend variants
with bleed resistor
References
We recommend for new applications the type 5120
Last order date: 31.12.2014
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
1 - 10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 10 A @ Ta 40 °C / 250 VAC; 60 Hz
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Impulse Withstand Voltage
> 2.5 kV between L-N
> 5 kV between L/N-PE
Allowable Operation Tempe-
rature
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
from front side IP40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals or wires Quick
connect terminals 6.3 x 0.8 mm straight
Panel Thickness S
Screw max 8 mm
Mounting screw torque max 0.5 Nm
Snap-in 1 mm to 3 mm
Aluminium 1.5-3 mm, steel 1-3 mm, not
suitable for plastic material
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Line Filter
Standard version, IEC 60939, UL 1283,
CSA C22.2 no. 8
Technical Details
MTBF
> 3'100'000 h acc. to MIL-HB-217 F
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - FGS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FGS SCHURTER-FGS Datasheet
513Kb / 4P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
logo
KITAGAWA GmbH
FGS KGS-FGS Datasheet
340Kb / 1P
Screw free fixing spacer is combined with EMC grounding function.
logo
Level One
FGS-2800 LVL1-FGS-2800 Datasheet
502Kb / 4P
IEEE 802.1p QoS with 4 priority queues
logo
KITAGAWA GmbH
FGS-3S KGS-FGS-3S Datasheet
340Kb / 1P
Screw free fixing spacer is combined with EMC grounding function.
FGS-4S 1 KGS-FGS-4S 1 Datasheet
340Kb / 1P
Screw free fixing spacer is combined with EMC grounding function.
More results

Similar Description - FGS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5120 SCHURTER-5120 Datasheet
881Kb / 6P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
FGS SCHURTER-FGS Datasheet
513Kb / 4P
IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
C20F SCHURTER-C20F Datasheet
630Kb / 5P
IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
DC12 SCHURTER-DC12_15 Datasheet
1,016Kb / 9P
IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
C20F SCHURTER-C20F_18 Datasheet
623Kb / 7P
IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com