Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG413FDY Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG413FDY
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413FDY Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DG413FDY Datasheet HTML 4Page - Maxim Integrated Products DG413FDY Datasheet HTML 5Page - Maxim Integrated Products DG413FDY Datasheet HTML 6Page - Maxim Integrated Products DG413FDY Datasheet HTML 7Page - Maxim Integrated Products DG413FDY Datasheet HTML 8Page - Maxim Integrated Products DG413FDY Datasheet HTML 9Page - Maxim Integrated Products DG413FDY Datasheet HTML 10Page - Maxim Integrated Products DG413FDY Datasheet HTML 11Page - Maxim Integrated Products DG413FDY Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
(TA = +25°C, unless otherwise noted.)
TURN-ON/TURN-OFF TIMES
vs. SUPPLY VOLTAGE (SINGLE SUPPLY)
SUPPLY VOLTAGE (V+)
27
18
50
100
150
200
0
6
3
9
tON
tOFF
V- = GND
TURN-ON/TURN-OFF TIMES
vs. TEMPERATURE (DUAL SUPPLIES)
TEMPERATURE (°C)
60
35
10
-15
20
40
60
80
100
120
0
85
-04
tON
tOFF
DUAL SUPPLIES: ±15V
TURN-ON/TURN-OFF TIMES
vs. TEMPERATURE (SINGLE SUPPLY)
TEMPERATURE (°C)
60
35
10
-15
50
100
150
200
0
5
8
0
4
-
tON
tOFF
V+ = +12V, V- = 0
FREQUENCY RESPONSE
FREQUENCY (MHz)
10
1
0.1
0.01
-100
-80
-60
-40
-20
0
20
-120
0
0
1
1
0
0.
0
V+ = +15V, V- = -15V
ON-RESPONSE
OFF-ISOLATION
CROSSTALK
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
k
0
0
1
0
1
±15V DUAL SUPPLIES
IN = OUT = 600Ω, VP-P = 5V
FAULT CURRENT vs. FAULT VOLTAGE
(DUAL SUPPLIES)
VCOM (V)
40
20
-40
-20
0
-150
-100
-50
0
50
100
150
200
-200
0
6
0
6
-
DUAL SUPPLIES:
V+ = +15V, V- = -15V
FOR |VCOM| < VSUPPLY,
ICOM = VCOM/RL
FAULT CURRENT vs. FAULT VOLTAGE
(SINGLE SUPPLY)
VCOM (V)
40
20
-40
-20
0
-150
-100
-50
0
50
100
150
200
-200
0
6
0
6
-
FOR 0V < VCOM < VSUPPLY,
ICOM = VCOM/RL
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
Maxim Integrated │ 8
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com