Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG413FDY Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DG413FDY
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413FDY Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DG413FDY Datasheet HTML 6Page - Maxim Integrated Products DG413FDY Datasheet HTML 7Page - Maxim Integrated Products DG413FDY Datasheet HTML 8Page - Maxim Integrated Products DG413FDY Datasheet HTML 9Page - Maxim Integrated Products DG413FDY Datasheet HTML 10Page - Maxim Integrated Products DG413FDY Datasheet HTML 11Page - Maxim Integrated Products DG413FDY Datasheet HTML 12Page - Maxim Integrated Products DG413FDY Datasheet HTML 13Page - Maxim Integrated Products DG413FDY Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
N.C. = NOT CONNECTED. SWITCHES SHOWN FOR LOGIC 0 INPUT.
ALL SWITCHES ARE OFF WITH POWER REMOVED.
TOP VIEW
DIP/TSSOP/SO
DG411F
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
DG411F
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
www.maximintegrated.com
Maxim Integrated │ 10
Pin Configurations
N.C. = NOT CONNECTED. SWITCHES SHOWN FOR LOGIC “0” INPUT.
ALL SWITCHES ARE OFF WITH POWER REMOVED
DIP/TSSOP/SO
DG412F
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
DIP/TSSOP/SO
DG413F
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
N.C.
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
N.C.
NO3
COM3
IN3
IN4
COM4
NO4
GND
DG412F
DG413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com