Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4530 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C4530
Description  OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4530 Datasheet(HTML) 1 Page - Vectron International, Inc

  C4530 Datasheet HTML 1Page - Vectron International, Inc C4530 Datasheet HTML 2Page - Vectron International, Inc C4530 Datasheet HTML 3Page - Vectron International, Inc C4530 Datasheet HTML 4Page - Vectron International, Inc C4530 Datasheet HTML 5Page - Vectron International, Inc C4530 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C4530
OCXO
Vectron International · www.vectron.com
v.2006-02-24 · page 1 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Typical Applications
Features
Base Stations
Surface Mount Package
Test Equipment
Reflow Process Compatible
Synthesizers
AT-Cut and SC-Cut Crystal Options
Digital Switching
Low Profile Compact Package
Previous Vectron Model Numbers
OCO1000, C4500
Frequency range
10 MHz – 160 MHz
Standard frequencies
10; 12.8; 16.384; 19.2 ; 20; 26, 30.72, 38.4, 52 MHz
Frequency stabilities1 [AT Cut Crystal – 10 MHz to 160MHz]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
vs. operating temperature range
-100
+100
ppb
-20 … +70°C
D107
(Referenced to +25°C)
-250
+250
ppb
-20 … +70°C
D257
-250
+250
ppb
-40 … +85°C
F257
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs aging / year
vs. aging / year
-500
-20
-10
-10
-300
-500
+500
+20
+10
+10
+300
+500
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 30 days of operation
≤ 60MHz; after 30 days of operation
>60MHz;
after 30 days of operation
Warm-up Time
3
minutes
to
± 100ppb of final frequency (1 hour reading)
@ +25°C
Frequency stabilities1 [SC Cut Crystal – 15 to 40 MHz]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
vs. operating temperature range
-25
+25
ppb
-20 … +70°C
D258
(Referenced to +25°C)
-50
+50
ppb
-40 … +85°C
F508
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs aging /1 Year
vs. aging / year (following Years)
-200
-5.0
-5.0
-1.0
-100
-80
+200
+5.0
+5.0
+1.0
+100
+80
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 30 days of operation
after 30 days of operation
Warm-up Time
3
minutes
to
± 10ppb of final frequency (1 hour reading) @
+25°C
Supply voltage (Vs)
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Supply voltage [Standard]
4.75
5
5.25
VDC
SV050
Supply voltage [Option]
3.135
3.3
3.465
VDC
SV033
Power consumption
2.5
Watts
during warm-up
1.0
Watts
steady state @ +25°C


Similar Part No. - C4530

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530 Datasheet
119Kb / 5P
Surface Mount Package
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
Surface Mount Package
More results

Similar Description - C4530

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4550 VECTRON-C4550 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4505 VECTRON-C4505 Datasheet
212Kb / 5P
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
C5260 VECTRON-C5260 Datasheet
202Kb / 5P
VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise
C5310 VECTRON-C5310 Datasheet
203Kb / 5P
VCXO Surface Mount Package Reflow Process Compatible AT-Cut Crystal
C1310 VECTRON-C1310 Datasheet
192Kb / 5P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
logo
Nel Frequency Controls,...
OF-X8HXXXXX NEL-OF-X8HXXXXX Datasheet
87Kb / 3P
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
logo
Vectron International, ...
VX-501 VECTRON-VX-501 Datasheet
147Kb / 6P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal Low Phase Noise Tight Stability
logo
MTRONPTI
M1252 MTRONPTI-M1252 Datasheet
151Kb / 3P
Surface mount AT-cut crystal
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com