Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4530 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C4530
Description  OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4530 Datasheet(HTML) 3 Page - Vectron International, Inc

  C4530 Datasheet HTML 1Page - Vectron International, Inc C4530 Datasheet HTML 2Page - Vectron International, Inc C4530 Datasheet HTML 3Page - Vectron International, Inc C4530 Datasheet HTML 4Page - Vectron International, Inc C4530 Datasheet HTML 5Page - Vectron International, Inc C4530 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C4530
OCXO
Vectron International · www.vectron.com
v.2006-02-24 · page 3 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Enclosures
Type A, for HCMOS output Type B, for Sinewave output,
only with reduced AT-stabilities
available
Type C, for HCMOS output
Package Codes:
Code
Height “H”
Pin Length “L”
Code
Height “H”
Pin Length “L”
Code
Height “H”
Pin Length “L”
A1
12.1
N/A
B1
12.1
N/A
C1
12.1
N/A
A2
7.8
N/A
B2
7.8
N/A
C2
7.8
N/A
Pin Connections
Pin Connections
Pin Connections
1 Electronic Frequency Control Input (EFC)
1 RF Output
1 Electronic Frequency Control Input (EFC)
2 Reference Voltage Output
2 N.C.
2 Reference Voltage Output
3 Supply Voltage Input (Vs)
3 Ground (Case)
3 Supply Voltage Input (Vs)
4 RF Output
4 N.C.
4 RF Output
5 Oven Alarm
5 Electronic Frequency Control Input (EFC)
5 Ground (Case)
6 I.C. Intern Connected
6 Supply voltage Vs oscillator
7 Ground (Case)
7 Supply voltage Vs heater
*Pin 6 must be remain unconnected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com