Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1425634 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1425634
Description  Flush-type connector - SACC-DSI-M12FSL4CONM16/0,2-1,5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1425634 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1425634 Datasheet HTML 1Page - PHOENIX CONTACT 1425634 Datasheet HTML 2Page - PHOENIX CONTACT 1425634 Datasheet HTML 3Page - PHOENIX CONTACT 1425634 Datasheet HTML 4Page - PHOENIX CONTACT 1425634 Datasheet HTML 5Page - PHOENIX CONTACT 1425634 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1425634
09/12/2020   Page 1 / 6
Flush-type connector - SACC-DSI-M12FSL4CONM16/0,2-1,5 - 1425634
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Flush-type connector, Power, 4-position, Socket, M12, L - Power, Rear mounting, M16 x 1.5, Individual wires,
cable length: 0.2 m, 1.31 mm², UL/cUL stranded hook-up wire
Your advantages
 For compact devices: transmit high power in a confined space
 Easy-to-install, optimized XL housing contour with wrench size 19
 Mechanical tightening limitation for long-term-stable gasket
 Pre-assembled with litz wires for immediate use
 Customer-specific assemblies and litz wire lengths available
 Sealed on the litz wire side for optimum leak-tightness
 For high transmission safety: shield connection to the housing with optional EMC nut
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626425832
Technical data
Dimensions
Length of cable
0.2 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General
Note
The electrical and mechanical data specified assume that the connector
pair is correctly locked and mounted. If the connector is unlocked and if
there is a danger of contamination, the connector must be sealed using
a protective cap > IP54. Influences arising from litz wires, cables or PCB
assembly must also be taken into consideration.


Similar Part No. - 1425634

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425630 PHOENIX-1425630 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FEM16/0,2GR-1,5 - Device connector, rear mounting
1425631 PHOENIX-1425631 Datasheet
363Kb / 11P
SACC-E-M12MSL4CONM16XL/0,2-1,5 - Device connector front mounting
1425632 PHOENIX-1425632 Datasheet
111Kb / 7P
Flush-type connector - SACC-E-M12FSL4CONM16XL/0,2-1,5
09/12/2020
1425633 PHOENIX-1425633 Datasheet
346Kb / 10P
SACC-DSI-M12MSL4CONM16/0,2-1,5 - Device connector, rear mounting
1425635 PHOENIX-1425635 Datasheet
464Kb / 12P
SACC-E-M12MSK4PE-M16XL/0,2-1,5 - Device connector front mounting
More results

Similar Description - 1425634

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1525474 PHOENIX-1525474 Datasheet
63Kb / 3P
Flush-type connector - SACC-DSI-M12FSB-5CON-L180
1436314 PHOENIX-1436314 Datasheet
64Kb / 3P
Flush-type connector - SACC-DSI-M12FS-5CONL180PSCUP
1694347 PHOENIX-1694347 Datasheet
77Kb / 6P
Flush-type connector - SACC-DSI-M8MS-4CON-L180
1694363 PHOENIX-1694363 Datasheet
73Kb / 4P
Flush-type connector - SACC-DSI-M8FS-3CON-L180
1415294 PHOENIX-1415294 Datasheet
128Kb / 7P
Flush-type connector - SACC-DSI-M12FSK-4PE-M16XL/0,2
09/11/2020
1419755 PHOENIX-1419755 Datasheet
157Kb / 10P
Flush-type connector - SACC-DSI-M12FS-4CON-M16
09/11/2020
1425632 PHOENIX-1425632 Datasheet
111Kb / 7P
Flush-type connector - SACC-E-M12FSL4CONM16XL/0,2-1,5
09/12/2020
1425638 PHOENIX-1425638 Datasheet
424Kb / 11P
SACC-DSI-M12FSK4PE-M16/0,2-1,5 - Device connector, rear mounting
1425633 PHOENIX-1425633 Datasheet
346Kb / 10P
SACC-DSI-M12MSL4CONM16/0,2-1,5 - Device connector, rear mounting
1425637 PHOENIX-1425637 Datasheet
448Kb / 11P
SACC-DSI-M12MSK4PE-M16/0,2-1,5 - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com