Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1425634 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1425634
Description  Flush-type connector - SACC-DSI-M12FSL4CONM16/0,2-1,5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1425634 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1425634 Datasheet HTML 1Page - PHOENIX CONTACT 1425634 Datasheet HTML 2Page - PHOENIX CONTACT 1425634 Datasheet HTML 3Page - PHOENIX CONTACT 1425634 Datasheet HTML 4Page - PHOENIX CONTACT 1425634 Datasheet HTML 5Page - PHOENIX CONTACT 1425634 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1425634
09/12/2020   Page 2 / 6
Flush-type connector - SACC-DSI-M12FSL4CONM16/0,2-1,5 - 1425634
Technical data
General
Rated current at 40°C
12 A
Rated voltage
63 V
Rated surge voltage
1.5 kV
Number of positions
4
Coding
L - Power
Standards/regulations
M12 connector IEC 61076-2-111 In line with
Signal type/category
Power
Status display
No
Overvoltage category
III
Degree of pollution
3
Test voltage
1.5 kV
Connection method
Individual wires
Insertion/withdrawal cycles
> 100
Mounting type
Rear mounting M16 x 1.5
Assembly instructions
Tightening limitation
Material
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
FKM
Additional material specifications
PU 2K (Grout material)
Cable
Cable type
UL/cUL stranded hook-up wire
Conductor cross section
1.31 mm²
AWG signal line
16
Core diameter including insulation
2 mm
Wire colors
Brown 1, white 2, blue 3, black 4
Material conductor insulation
mPPE
Conductor material
Bare Cu litz wires
Standards/specifications
M12 connector IEC 61076-2-111 In line with
Test voltage Core/Core
3 kV
Flame resistance
in acc. to UL 1581 VW1
Halogen-free
yes
Ambient temperature (operation)
-40 °C ... 105 °C (cable, fixed installation)
-20 °C ... 105 °C (cable, flexible installation)
Standards and Regulations
Standards/specifications
M12 connector IEC 61076-2-111 In line with



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com