Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-LICAL-MS Datasheet(PDF) 3 Page - Linx Technologies

Part # MDEV-LICAL-MS
Description  MS Series Remote Control Decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-LICAL-MS Datasheet(HTML) 3 Page - Linx Technologies

  MDEV-LICAL-MS Datasheet HTML 1Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 2Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 3Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 4Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 5Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 6Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 7Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 8Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
–
–
1
Description
MS Series encoders and decoders are designed
for remote control applications. They allow the
status of up to eight buttons or contacts to be
securely transferred via a wireless link. The large
twenty-four bit address size makes transmissions
highly unique, minimizing the possibility of
multiple devices having conflicting addresses.
The MS Series decoder allows the recognition
of individual output lines to be easily defined
for each transmitter by the manufacturer or the
end user. This enables the creation of unique
user groups and relationships. The decoder also
identifies and outputs the originating encoder
ID for logging or identification. Housed in a tiny
20-pin SSOP package, MS Series encoders feature low supply voltage and
current consumption. Selectable baud rates and latched or momentary
outputs make the MS Series truly versatile.
Features
• Secure 224 possible addresses
• 8 data lines
• Direct serial interface
• Latched or momentary outputs
• Definable recognition authority
• Encoder ID output by decoder
• Low 2.0 to 5.5V operating
voltage
• Low supply current (370µA @ 3V)
• Ultra-low 0.1µA standby current
• True serial encoding
• Excellent noise immunity
• Selectable baud rates
• No programming required
• Small SMD package
Applications
• Keyless entry
• Door and gate openers
• Security systems
• Remote device control
• Car alarms / starters
• Home / industrial automation
• Remote status monitoring
• Lighting control
MS Series Remote Control Decoder
Data Guide
Revised 3/18/2015
0.030
(0.75)
0.007
(0.18)
0.013
(0.32)
0.026
(0.65)
0.309
(7.85)
0.207 (5.25)
0.284
(7.20)
0.002
(0.05)
0.079
(2.00)
Figure 1: Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com