Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-LICAL-MS Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-LICAL-MS
Description  MS Series Remote Control Decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-LICAL-MS Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-LICAL-MS Datasheet HTML 1Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 2Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 3Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 4Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 5Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 6Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 7Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 8Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
–
–
–
–
2
3
MS Series Deccoder Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units Notes
Power Supply
Operating Voltage
V
CC
2.0
5.5
VDC
Supply Current
l
CC
At 2.0V V
CC
240
300
µA
1
At 3.0V V
CC
370
470
µA
1
At 5.0V V
CC
670
780
µA
1
Power Down Current
l
PDN
At 2.0V V
CC
0.10
0.80
µA
At 3.0V V
CC
0.10
0.85
µA
At 5.0V V
CC
0.20
0.95
µA
Decoder Section
Input Low
V
IL
0.0
0.15 x V
CC
V
2
Input High
V
IH
0.8 x V
CC
V
CC
V
3
Output Low
V
OL
0.6
V
Output High
V
OH
V
CC – 0.7
V
Input Sink Current
25
mA
Output Drive Current
25
mA
Environmental
Operating Temperature
Range
–40
+85
°C
1.
Current consumption with no active loads.
2.
For 3V supply, (0.15 x 3.0) = 0.45V max.
3.
For 3V supply, (0.8 x 3.0) = 2.4V min.
Electrical Specifications
Ordering Information
Figure 5: Electrical Specifications
Encoder SEND to Decoder Activation Times (ms)
Baud Rate
Initial Start-Up
After Valid Rx
With RX_PDN
(Worst Case)
2,400
72.62
38.62
600 + 72.62
9,600
22.42
12.42
300 + 22.42
19,200
13.80
7.30
150 + 13.80
28,800
11.00
6.00
150 + 11.00
Timings
Ordering Information
Part Number
Description
LICAL-ENC-MS001
MS Encoder
LICAL-DEC-MS001
MS Decoder
MDEV-LICAL-MS
MS Master Development System
MS decoders are shipped in reels of 1,600
Absolute Maximum Ratings
Figure 2: Ordering Information
Figure 3: Absolute Maximum Ratings
Absolute Maximum Ratings
Supply Voltage V
CC
−0.3
to
+6.5
VDC
Any Input or Output Pin
−0.3
to
V
CC + 0.3
VDC
Max. Current Sourced by Output Pins
25
mA
Max. Current Sunk by Input Pins
25
mA
Max. Current Into V
CC
250
mA
Max. Current Out Of GND
300
mA
Operating Temperature
−40
to
+85
ºC
Storage Temperature
−65
to
+150
ºC
Exceeding any of the limits of this section may lead to permanent damage to the device.
Furthermore, extended operation at these maximum ratings may reduce the life of this
device.
Figure 4: Encoder SEND to Decoder Activation Times (ms)
Warning: This product incorporates numerous static-sensitive
components. Always wear an ESD wrist strap and observe proper ESD
handling procedures when working with this device. Failure to observe
this precaution may result in module damage or failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com