Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112ACBZ-1.2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP7112ACBZ-1.2-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112ACBZ-1.2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP7112ACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 19Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 20Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADP7112
Rev. D | Page 17 of 21
THERMAL CONSIDERATIONS
In applications with a low input-to-output voltage differential,
the ADP7112 does not dissipate much heat. However, in
applications with high ambient temperature and/or high input
voltage, the heat dissipated in the package can become large
enough to cause the junction temperature of the die to exceed
the maximum junction temperature of 125°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature has decreased below 135°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is very important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the temperature
rise of the package due to the power dissipation, as shown in
Equation 1.
To guarantee reliable operation, the junction temperature of
the ADP7112 must not exceed 125°C. To ensure that the
junction temperature stays below this maximum value, the user
must be aware of the parameters that contribute to junction
temperature changes. These parameters include ambient
temperature, power dissipation in the power device, and thermal
resistances between the junction and ambient air (θJA). The θJA
number is dependent on the package assembly compounds that
are used and the amount of copper solders the package GND pin
to the PCB.
Table 6 shows typical θJA values of the 6-ball WLCSP package
for various PCB copper sizes. The typical ΨJB value for the
6-ball WLCSP package is 58°C/W.
Table 6. Typical θJA Values
Copper Size (mm)
θJA (°C/W) for WLCSP
251
260
50
159
100
157
500
151
1 Device soldered to minimum size pin traces.
To calculate the junction temperature of the ADP7112, use
Equation 1.
TJ = TA + (PD × θJA)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(10)
where:
VIN and VOUT are input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + (((VIN − VOUT) × ILOAD) × θJA)
(11)
As shown in Equation 4, for a given ambient temperature, input-
to-output voltage differential, and continuous load current,
there exists a minimum copper size requirement for the PCB
to ensure that the junction temperature does not rise above 125°C.
Figure 49 to Figure 51 show junction temperature calculations
for different ambient temperatures, power dissipation, and
areas of PCB copper.
In the case where the board temperature is known, use the
thermal characterization parameter, ΨJB, to estimate the
junction temperature rise (see Figure 52). Calculate the
maximum junction temperature by using Equation 2.
TJ = TB + (PD × ΨJB)
The typical value of ΨJB is 58°C/W for the 6-ball WLCSP package.
145
135
125
115
105
95
85
75
65
55
45
35
25
0
0.1
0.2
0.3
0.4
0.5
TOTAL POWER DISSIPATION (W)
0.6
0.7
0.8
0.9
1.0
25mm2
100mm2
500mm2
TJ MAX
Figure 49. WLCSP, TA = 25°C
50
60
70
80
90
100
110
120
130
140
0
0.1
0.2
0.30.40.50.60.70.80.9
1.0
TOTAL POWER DISSIPATION (W)
25mm2
100mm2
500mm2
TJ MAX
Figure 50. WLCSP, TA = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com