Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112ACBZ-1.2-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP7112ACBZ-1.2-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112ACBZ-1.2-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP7112ACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 19Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 20Page - Analog Devices ADP7112ACBZ-1.2-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADP7112
Data Sheet
Rev. D | Page 20 of 21
Table 7. Recommended LDOs for Super Low Noise Operation
Device
Number
VIN
Range (V)
VOUT
Fixed (V)
VOUT Adjust
(V)
IOUT
(mA)
IQ at
IOUT
(μA)
IGND-SD
Max
(μA)
Soft
Start
PGOOD
Noise
(Fixed)
10 Hz to
100 kHz
(μV rms)
PSRR
100 kHz
(dB)
PSRR
1 MHz
(dB)
Package
ADP7102
3.3 to 20
1.5 to 9
1.22 to 19
300
750
75
No
Yes
15
60
40
3 mm ×
3 mm
8-lead LFCSP,
8-lead SOIC
ADP7104
3.3 to 20
1.5 to 9
1.22 to 19
500
900
75
No
Yes
15
60
40
3 mm ×
3 mm
8-lead LFCSP,
8-lead SOIC
ADP7105
3.3 to 20
1.8, 3.3, 5
1.22 to 19
500
900
75
Yes
Yes
15
60
40
3 mm ×
3 mm
8-lead LFCSP,
8-lead SOIC
ADP7112
2.7 to 20
1.2 to 5
1.2 to 19
200
180
10
Yes
No
11
68
50
1 mm ×
1.2 mm
6-ball WLCSP
ADP7118
2.7 to 20
1.2 to 5
1.2 to 19
200
180
10
Yes
No
11
68
50
2 mm ×
2 mm
6-lead LFCSP,
8-lead SOIC,
5-lead TSOT
ADP7142
2.7 to 40
1.2 to 5
1.2 to 39
200
180
10
Yes
No
11
68
50
2 mm ×
2 mm
6-lead LFCSP,
8-lead SOIC,
5-lead TSOT
ADP7182
−2.7 to −28
−1.8 to −5
−1.22 to −27
−200
−650
−8
No
No
18
45
45
2 mm ×
2 mm
6-lead LFCSP,
3 × 3 mm
8-lead LFCSP,
5-lead TSOT
Table 8. Related Devices
Model
Input Voltage (V)
Output Current (mA)
Package
ADP7118ACP
2.7 to 20
200
6-lead LFCSP
ADP7118ARD
2.7 to 20
200
8-lead SOIC
ADP7118AUJ
2.7 to 20
200
5-lead TSOT
ADP7142ACP
2.7 to 40
200
6-lead LFCSP
ADP7142ARD
2.7 to 40
200
8-lead SOIC
ADP7142AUJ
2.7 to 40
200
5-lead TSOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com