Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC750LP4 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC750LP4 Datasheet(HTML) 4 Page - Analog Devices

  HMC750LP4 Datasheet HTML 1Page - Analog Devices HMC750LP4 Datasheet HTML 2Page - Analog Devices HMC750LP4 Datasheet HTML 3Page - Analog Devices HMC750LP4 Datasheet HTML 4Page - Analog Devices HMC750LP4 Datasheet HTML 5Page - Analog Devices HMC750LP4 Datasheet HTML 6Page - Analog Devices HMC750LP4 Datasheet HTML 7Page - Analog Devices HMC750LP4 Datasheet HTML 8Page - Analog Devices HMC750LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 4
HMC750LP4 / 750LP4E
v03.0111
12.5 Gbps LIMITING AMPLIFIER
Output Eye Diagram
test Conditions
eye diagram data presented on an infinium
DCa 86100a
rate = 10 gb/s
pseudo random Code = 223 -1
Vin = 100 mVpp differential, VC1 = 3V
Output Eye Diagram
test Conditions
eye diagram data presented on an infinium
DCa 86100a
rate = 10 gb/s
pseudo random Code = 223 -1
Vin = 500 mVpp differential, VC1 = 3V
Current
minimum
maximum
total meas
rise time (f1)
23.33 ps
23.33 ps
23.33 ps
32
fall time (f1)
24.67 ps
24.00 ps
25.33 ps
32
Differential eye
amplitude (f1)
860 mV
858 mV
860 mV
32
eye s/n (f1)
15.35
15.28
15.50
32
Vertical scale
100 mV / div
Horizontal scale
30.0 ps / div
Current
minimum
maximum
total meas
rise time (f1)
23.33 ps
22.67 ps
23.33 ps
30
fall time (f1)
24.67 ps
24.67 ps
26.00 ps
30
Differential eye
amplitude (f1)
862 mV
861 mV
862 mV
30
eye s/n (f1)
15.27
15.19
15.35
30
Vertical scale
100 mV / div
Horizontal scale
30.0 ps / div
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com