Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC750LP4 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC750LP4 Datasheet(HTML) 2 Page - Analog Devices

  HMC750LP4 Datasheet HTML 1Page - Analog Devices HMC750LP4 Datasheet HTML 2Page - Analog Devices HMC750LP4 Datasheet HTML 3Page - Analog Devices HMC750LP4 Datasheet HTML 4Page - Analog Devices HMC750LP4 Datasheet HTML 5Page - Analog Devices HMC750LP4 Datasheet HTML 6Page - Analog Devices HMC750LP4 Datasheet HTML 7Page - Analog Devices HMC750LP4 Datasheet HTML 8Page - Analog Devices HMC750LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 2
HMC750LP4 / 750LP4E
v03.0111
12.5 Gbps LIMITING AMPLIFIER
parameter
Conditions
min.
typ.
max.
Units
rise time
20% - 80%
23
27
ps
fall time
20% - 80%
21
23
ps
Data Output swing
Differential Output swing.
VC1 = 3V for maximum output swing.
850
880
mVp-p
input return loss
up to 10 gHz
15
dB
Output return loss
up to 10 gHz
8
dB
input sensitivity
2
mVp-p
maximum input swing
1200
mVp-p
Output Offset Voltage
VC1 = 3V for maximum output swing
3
mV
VC1
2
3
V
Vout DC
4.5
4.8
V
[1] Deterministic jitter measured at 10 gbps with prBs 223-1 pattern. it is the peak to peak deviation from the ideal time crossing
[2] random jitter is measured with 10 gbps 10101… pattern
Electrical Specifications (Conditions)
Differential Output vs. Supply Voltage [1]
Differential Output vs. Control Voltage [2]
0
200
400
600
800
1000
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
+25C
+85C
-40C
SUPPLY VOLTAGE Vcc (V)
0
200
400
600
800
1000
1200
2.1
2.3
2.5
2.7
2.9
3.1
+25C
+85C
-40C
CONTROL VOLTAGE VC1 (V)
[1] VC1 = 2.5V [2] Vcc = 5V [3] input Data rate = 10 gbps
Differential Output vs. Vinput [1][2]
RMS Jitter vs. Vinput [1][2][3]
0
100
200
300
400
500
600
0.1
1
10
100
1000
Vin (mV)
0
1
2
3
4
5
6
0
100
200
300
400
500
600
Vin (mV)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com