Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM-GPS-R4-T Datasheet(PDF) 4 Page - Linx Technologies

Part # RXM-GPS-R4-T
Description  R4 Series GPS Receiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXM-GPS-R4-T Datasheet(HTML) 4 Page - Linx Technologies

  RXM-GPS-R4-T Datasheet HTML 1Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 2Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 3Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 4Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 5Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 6Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 7Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 8Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
–
–
–
–
2
3
Ordering Information
Ordering Information
Part Number
Description
RXM-GPS-R4-x
R4 Series GPS Receiver Module
MDEV-GPS-R4
R4 Series GPS Receiver Master Development System
EVM-GPS-R4
R4 Series GPS Receiver Evaluation Module
x = “T” for Tape and Reel, “B” for Bulk
Reels are 1,000 pieces
Quantities less than 1,000 pieces are supplied in bulk
Figure 2: Ordering Information
Figure 4: Figure 3: Electrical Specifications
Absolute Maximum Ratings
Supply Voltage V
CC
+4.3
VDC
Input Battery Backup Voltage
+7.0
VDC
Operating Temperature
−40
to
+85
ºC
Storage Temperature
−40
to
+85
ºC
Soldering Temperature
+225°C for 10 seconds
Exceeding any of the limits of this section may lead to permanent damage to the
device. Furthermore, extended operation at these maximum ratings may reduce
the life of this device.
Absolute Maximum Ratings
Figure 3: Absolute Maximum Ratings
R4 Series GPS Receiver Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units Notes
Power Supply
Operating Voltage
V
CC
3.0
3.3
3.6
VDC
Supply Current
l
CC
Peak
122
mA
1
Acquisition
56
mA
1
Tracking
33
mA
1
Hibernate
0.43
mA
1
Backup Battery Voltage
V
BAT
2.0
6.0
VDC
Backup Battery Current
I
BAT
660
830
µA
2
VOUT Output Voltage
V
OUT
VCC
3
Output Low Voltage
V
OL
0.4
VDC
Electrical Specifications
Output High Voltage
V
OH
TX Pin
0.7*VCC
VCC
VCC
VDC
1.8V Level Pin
1.2
1.8
1.85
VDC
Output Low Current
I
OL
2.0
mA
Output High Current
I
OH
TX Pin
0.05
mA
1.8V Level Pin
2.0
mA
Input Low Voltage
V
IL
–0.4
0.45
VDC
Input High Voltage
V
IH
1.3
3.6
VDC
LNA Section
Input Power
P
IN
18
dB
Receiver Section
Receiver Sensitivity
Tracking
–160
dBm
Navigation
–157
dBm
Cold Start
–145
dBm
Acquisition Time
Hot Start (Open Sky)
1
s
Hot Start (Indoor)
15
s
Cold Start
32
s
Cold Start, CGEE
15
s
Position Accuracy
Autonomous
2.5
m
SBAS
2.5
m
Altitude
18,000
m
Velocity
515
m/s
Chipset
SiRF Star IV, GSD4e ROM
Frequency
L1 1575.42MHz, C/A Code
Channels
48
Update Rate
1Hz default, up to 5Hz
Protocol Support
NMEA 0183 ver 3.0, SiRF Binary
Antenna Port
RF Impedance
R
IN
50
Ω
1.
VCC = 3.3V, without active antenna
2.
VCC = 0V
3.
VOUT current is directly sourced from VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com