Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM-GPS-R4-T Datasheet(PDF) 5 Page - Linx Technologies

Part # RXM-GPS-R4-T
Description  R4 Series GPS Receiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXM-GPS-R4-T Datasheet(HTML) 5 Page - Linx Technologies

  RXM-GPS-R4-T Datasheet HTML 1Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 2Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 3Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 4Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 5Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 6Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 7Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 8Page - Linx Technologies RXM-GPS-R4-T Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
–
–
–
–
4
5
NC
1
NC
2
1PPS
3
TX
4
RX
5
GND
21
NC
6
1PPS
7
/RESET
8
RFPWRUP
9
ON_OFF
10
GND
20
RFIN
19
GND
18
VOUT
17
NC
16
GND
22
NC
15
NC
14
NC
13
VCC
12
VBACKUP
11
Figure 5: R4 Series GPS Receiver Pinout (Top View)
Figure 6: R4 Series GPS Receiver Pin Descriptions
Pin Assignments
Pin Descriptions
Pin Descriptions
Pin Number
Name
I/O Description
1, 2, 6, 13,
14, 15, 16
NC
−
No electrical connection.
3, 7
1PPS
O
1 Pulse Per Second. 1.8V level.
4
TX
O
Serial output (default NMEA)
5
RX
I
Serial input (default NMEA)
8
/RESET
I
Reset input, active low. The module has an
internal power-on reset circuit so this pin can be
left floating
9
RFPWRUP
O
Power State Indicator. 1.8V level.
10
ON_OFF
I
Power Control Pin. If this pin is not used, leave it
floating.
11
VBACKUP
P
Backup battery supply voltage. This line must be
powered to enable the module.
12
VCC
P
Supply Voltage
18, 20, 21, 22
GND
P
Ground
17
VOUT
O
VCC voltage to supply an active antenna.
19
RFIN
I
GPS RF signal input
A Brief Overview of GPS
The Global Positioning System (GPS) is a U.S.-owned utility that freely and
continuously provides positioning, navigation, and timing (PNT) information.
Originally created by the U.S. Department of Defense for military
applications, the system was made available without charge to civilians
in the early 1980s. The global positioning system consists of a nominal
constellation of 24 satellites orbiting the earth at about 12,000 nautical
miles in height. The pattern and spacing of the satellites allow at least four
to be visible above the horizon from any point on the Earth. Each satellite
transmits low power radio signals which contain three different bits of
information; a pseudorandom code identifying the satellite, ephemeris data
which contains the current date and time as well as the satellite’s health,
and the almanac data which tells where each satellite should be at any time
throughout the day.
A GPS receiver receives and times the signals sent by multiple satellites
and calculates the distance to each satellite. If the position of each satellite
is known, the receiver can use triangulation to determine its position
anywhere on the earth. The receiver uses four satellites to solve for four
unknowns; latitude, longitude, altitude and time. If any of these factors is
already known to the system, an accurate position (fix) can be obtained
with fewer satellites in view. Tracking more satellites improves calculation
accuracy. In essence, the GPS system provides a unique address for every
square meter on the planet.
A faster Time To First Fix (TTFF) is also possible if the satellite information
is already stored in the receiver. If the receiver knows some of this
information, then it can accurately predict its position before acquiring an
updated position fix. For example, aircraft or marine navigation equipment
may have other means of determining altitude, so the GPS receiver would
only have to lock on to three satellites and calculate three equations to
provide the first position fix after power-up.
Client Generated Extended Ephemeris (CGEE)
CGEE is a type of assisted GPS (AGPS) where the receiver uses the
ephemeris data broadcast by the satellites to calculate models of each
visible satellite’s future location. This allows the receiver to store up to 3
days worth of ephemeris data and results in faster TTFF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com