Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11901 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11901 Datasheet HTML 1Page - Maxim Integrated Products MAX11901 Datasheet HTML 2Page - Maxim Integrated Products MAX11901 Datasheet HTML 3Page - Maxim Integrated Products MAX11901 Datasheet HTML 4Page - Maxim Integrated Products MAX11901 Datasheet HTML 5Page - Maxim Integrated Products MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
General Description
The MAX11901 is a 16-bit, 1.6Msps, single-channel, fully
differential SAR ADC with internal reference buffers. The
MAX11901 provides excellent static and dynamic perfor-
mance with best-in-class power consumption that directly
scales with throughput. The device has a unipolar differ-
ential ±VREF input range. Supplies include a 3.3V supply
for the reference buffers, a 1.8V analog supply, a 1.8V
digital supply, and a 1.5V to 3.6V digital interface supply.
This ADC achieves 95.2dB SNR and -115dB THD, guar-
antees 16-bit resolution with no-missing codes and 0.5
LSB INL (max).
The MAX11901 communicates data using a SPI-
compatible serial interface. The MAX11901 is offered in a
20-pin, 4mm x 4mm, TQFN package and is specified over
the -40°C to +85°C operating temperature range.
Applications
● Test and Measurement
● Automatic Test Equipment
● Medical Instrumentation
● Process Control and Industrial Automation
● Data Acquisition Systems
● Telecommunications
● Battery-Powered Equipment
Benefits and Features
● High DC/AC Accuracy Provides Better Measurement
Quality
• 16-Bit Resolution with No Missing Codes
• ±0.5 LSB INL and ±0.25 LSB DNL Maximum at 16 Bits
• 95.2dB SNR and 95.0dB SINAD at fIN = 10kHz
• -115dB THD at fIN = 10kHz
● High Sampling Rate SAR Architecture Enables Fast
Settling and Acquisition
• 1.6Msps Throughput with No Pipeline Delay
● Integration Simplifies Design
• Integrated Reference Buffers, VREF = 2.5V to 3.6V
• ±VREF Unipolar Differential Analog Input Range
● Scalable Ultra-Low Power Supply Reduces Power
Consumption
• 9mW at 1.6Msps
● Flexible Low-Voltage Supplies Save Cost
• 1.8V Analog and Digital Core Supply
• 1.5V to 3.6V Digital Interface Supply
• 3.3V REFVDD Reference Buffer Supply
● Flexible, Industry-Standard Serial Interface and Small
Package Reduce Size
• SPI-/QSPI™-/MICROWIRE®/DSP-Compatible
• 20-Pin, 4mm x 4mm, TQFN Package
Ordering Information and Selector Guide appears at end of
data sheet.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corporation.
16-Bit to 20-Bit SAR ADC Family
1nF
COG
MAX11901
CNVST
DOUT
SCLK
DIN
AVDD DVDD OVDD
REFIN
REFVDD
AIN+
AIN-
4-WIRE
SPI
INTERFACE
3.3V
3.6V
1.8V
1.8V
1.5 TO
3.6V
7.5Ω
7.5Ω
3.3V TO 0V
0 TO 3.3V
REFGND
REF
DGND
AGND
10µF
3.3V
16-BIT
18-BIT
20-BIT
1.6Msps
MAX11901
MAX11903
MAX11905
1Msps
MAX11900
MAX11902
MAX11904
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
19-7409; Rev 3; 9/18
Application Diagram
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX11901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
917Kb / 29P
20-Bit, 1.6Msps, Low-Power, Fully Differential
Rev 3; 6/16
MAX11901 MAXIM-MAX11901 Datasheet
4Mb / 29P
Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
More results

Similar Description - MAX11901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
Fully Differential SAR ADC
Rev 0; 9/14
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Maxim Integrated Produc...
MAX11905 MAXIM-MAX11905 Datasheet
917Kb / 29P
20-Bit, 1.6Msps, Low-Power, Fully Differential
Rev 3; 6/16
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com