Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11901 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11901
Description  16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11901 Datasheet HTML 1Page - Maxim Integrated Products MAX11901 Datasheet HTML 2Page - Maxim Integrated Products MAX11901 Datasheet HTML 3Page - Maxim Integrated Products MAX11901 Datasheet HTML 4Page - Maxim Integrated Products MAX11901 Datasheet HTML 5Page - Maxim Integrated Products MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.maximintegrated.com
Maxim Integrated │ 3
MAX11901
16-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
TABLE OF CONTENTS (continued)
LIST OF FIGURES
LIST OF TABLES
Figure 1. Signal Ranges........................................................................ 14
Figure 2. Simplified Model of Input Sampling Circuit.................................................. 15
Figure 3. Conversion Frame, SAR Conversion, Track and Read Operation................................ 15
Figure 4. Ideal Transfer Characteristic ............................................................ 18
Figure 5. Read During Track Phase............................................................... 19
Figure 6. Read During SAR Conversion Phase...................................................... 19
Figure 7. Split Read Mode ...................................................................... 20
Figure 8. SPI Interface Connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 9. DIN Timing for Register Write Operations .................................................. 21
Figure 10. Timing Diagram for Data Out Reading After Conversion...................................... 21
Figure 11. Mode Register Write .................................................................. 22
Figure 12. Register Read ....................................................................... 22
Figure 13. Unipolar Single-Ended Input............................................................ 25
Figure 14. Bipolar Single-Ended Input............................................................. 25
Figure 15. Top Layer Sample Layout .............................................................. 26
Table 1. ADC Driver Amplifier Recommendation..................................................... 16
Table 2. Voltage Reference Configurations ......................................................... 17
Table 3. MAX11901 External Reference Recommendations............................................ 17
Table 4. Transfer Characteristic .................................................................. 18
Table 5. DOUT Driver Strength .................................................................. 23
Effective Number of Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Total Harmonic Distortion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Spurious-Free Dynamic Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Aperture Delay. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Aperture Jitter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Full-Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Selector Guide ............................................................................... 28
Ordering Information .......................................................................... 28
Chip Information.............................................................................. 28
Package Information .......................................................................... 28
Revision History .............................................................................. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com