Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14710 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # COM-14710
Description  Mi Light RGBW LED Controller Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14710 Datasheet(HTML) 2 Page - SparkFun Electronics

  COM-14710 Datasheet HTML 1Page - SparkFun Electronics COM-14710 Datasheet HTML 2Page - SparkFun Electronics COM-14710 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
•
Transmission Frequency: 2.4GHz
•
Operating Voltage: 12VDC-24VDC
•
6A Load per Channel
•
Common Anode Output Connection
•
30 Meter Distance
•
Nine Pre-Set Programs
•
Dimensions: 85mm x 45mm x 23mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com