Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14710 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14710
Description  Mi Light RGBW LED Controller Box
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14710 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14710 Datasheet HTML 1Page - SparkFun Electronics COM-14710 Datasheet HTML 2Page - SparkFun Electronics COM-14710 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mi-Light RGBW LED Controller Box
COM-14710 ROHS
The Mi-Light RGBW LED Controller Box is a 2.4GHz RF controllable LED accessory that enables
your non-addressable LED strips to change color, dim, and select pre-loaded modes via the Mi-Light
Remote Control (sold separately). Essentially, this little plastic box enables any non-WS2812 or
APA102 (“NeoPixel” or “DotStar”) LED strips to act as if they were without any other external boards.
Set up is simple thanks to an array of screw terminals on either side of the controller box. By just
screwing an LED strip’s control wires into the right side of this box and then plugging in power via a
barrel jack (or another set of screw terminals) on the left side of the box, you’ll be up and running in
no time!
Each Mi-Light RGBW LED Controller Box has a range of about 30m (almost 100ft) and an operating
voltage of 12VDC-24VDC with an output of 6A per channel. You will even have access to nine pre-
set programs that the controller box can begin interacting with your LEDs out of the box. With these
capabilities, the LED controller box can manage any of the non-addressable LED strips we carry in
our catalog!


Similar Part No. - COM-14710

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14718 SPARKFUN-COM-14718 Datasheet
365Kb / 3P
RGB LED Matrix Panel - 32x64
5-15-18
More results

Similar Description - COM-14710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR163 ETC2-MR163 Datasheet
222Kb / 12P
White LED Cup Light Controller
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
Multi-string LED Back-light Controller
logo
Motorola, Inc
MC33192 MOTOROLA-MC33192 Datasheet
315Kb / 12P
MI-Bus Interface Stepper Motor Controller
logo
BetLux Electronics
TLS-SMD-6AUTO BETLUX-TLS-SMD-6AUTO Datasheet
76Kb / 2P
LED dome/door/ box light, Mono color
REV NO: V.2
logo
Mean Well Enterprises C...
RFP-M8M4-5A MEANWELL-RFP-M8M4-5A Datasheet
2Mb / 4P
Wireless RGBW remote controller
logo
AVAGO TECHNOLOGIES LIMI...
ASMB-6WD0 AVAGO-ASMB-6WD0 Datasheet
516Kb / 14P
RGBW Thin DFN6 LED
logo
Inolux Corporation
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
logo
Shenzhen Huazhimei Semi...
HM5108 HMSEMI-HM5108 Datasheet
833Kb / 7P
Single chip LED light controller
logo
Advantech Co., Ltd.
DPX-LED ADVANTECH-DPX-LED Datasheet
444Kb / 1P
Intelligent LED Strip Light Controller
3-Aug-2022
logo
Inolux Corporation
IN-PI33QBTPRPGPBPW-40 INOLUX-IN-PI33QBTPRPGPBPW-40 Datasheet
1Mb / 17P
3537 RGBW LED 6-Pin with Integrated IC
Aug 10, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com