Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15573 Datasheet(PDF) 13 Page - SparkFun Electronics

Part # DEV-15573
Description  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 Datasheet(HTML) 13 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 9Page - SparkFun Electronics DEV-15573 Datasheet HTML 10Page - SparkFun Electronics DEV-15573 Datasheet HTML 11Page - SparkFun Electronics DEV-15573 Datasheet HTML 12Page - SparkFun Electronics DEV-15573 Datasheet HTML 13Page - SparkFun Electronics DEV-15573 Datasheet HTML 14Page - SparkFun Electronics DEV-15573 Datasheet HTML 15Page - SparkFun Electronics DEV-15573 Datasheet HTML 16Page - SparkFun Electronics DEV-15573 Datasheet HTML 17Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Unassigned 7-bit integer for device address. If not defined, the library will use the default I C
address stored in the I C library (0x60). This can be changed by writing the I C address to the
specific Configuration Zone address (byte 16) prior to locking that zone.
Input: Wire
Wire port assignment. If not defined, the library will use the default Wire port. (*This is only
available to change on boards that in fact have multiple Wire Ports (i.e. Artemis). Currently, only
the default wire port located on the Qwiic connector is supported on the Artemis.)
Output: Boolean
True- Connected to I C device on the default (or specified) address.
False- No device found or connected.
Communication
.wakeUp()
Checks to see if a device over the I C bus is connected. Returns boolean true or false depending on if the
slave device has correctly ACK 'd to an I C request and responded with the correct "wake verification"
response: 0x11 .
Output: Boolean
True- Device present on the default (or specified) address.
False- No device found or transmission error.
.idleMode()
The ATECCX08A goes into the idle mode and ignores all subsequent I/O transitions until the next wake flag.
The contents of TempKey and RNG Seed registers are retained. (*Idle Power Supply Current: 800uA.)
Note, it will automatically go into sleep mode after watchdog timer has been reached (1.3-1.7sec).
.receiveResponseData(uint8_t length, boolean debug)
This function receives messages from the ATECCX08a IC (up to 128 Bytes). It will return true if it receives
the correct amount of data and good CRCs. What we hear back from the IC is always formatted with the
following series of bytes:
COUNT, DATA, CRC[0], CRC[1]
Note, the count number includes itself, the num of data bytes, and the two CRC bytes in the total, so a
simple response message from the IC that indicates that it heard the wake condition properly is like so:
EXAMPLE Wake success response: 0x04 , 0x11 , 0x33 , 0x44
Input: length
Unassigned 8-bit integer.
Length of data in bytes (max 32 bytes).
Includes: Count + DATA + 2 CRC bytes.
Output: Boolean
True- Communication complete and message count and CRC are good.
False- Communication failure (count error, CRC error, or no device present)
.checkCount(boolean debug)
2
2
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com