Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15573 Datasheet(PDF) 18 Page - SparkFun Electronics

Part # DEV-15573
Description  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 Datasheet(HTML) 18 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 14Page - SparkFun Electronics DEV-15573 Datasheet HTML 15Page - SparkFun Electronics DEV-15573 Datasheet HTML 16Page - SparkFun Electronics DEV-15573 Datasheet HTML 17Page - SparkFun Electronics DEV-15573 Datasheet HTML 18Page - SparkFun Electronics DEV-15573 Datasheet HTML 19Page - SparkFun Electronics DEV-15573 Datasheet HTML 20Page - SparkFun Electronics DEV-15573 Datasheet HTML 21Page - SparkFun Electronics DEV-15573 Datasheet HTML 22Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
True- Both load tempKey and verify commands were successful.
False- Verification failure, Communication failure or IC command execution failure.
Random Number Generator
.random(long max)
This function returns a positive random Long between 0 and max.
Max can be up to the larges positive value of a long: 2147483647
Input: max
Long. (1-2147483647)
Output: Long 32 bits (4 bytes)
.random(long min, long max)
This function returns a random Long between min and max.
Min and max can be positive or negative numbers.
Input: min
Long. (-2147483647 to +2147483647)
Input: max
Long. (-2147483647 to +2147483647)
Output: Long 32 bits (4 bytes)
.getRandomByte(boolean debug)
This function returns a positive random byte.
Output: Byte
.getRandomInt(boolean debug)
This function returns a positive random integer.
Output: Unassigned 16-bit integer
.getRandomLong(boolean debug)
This function returns a Long.
Output: Long 32 bits (4 bytes)r
.updateRandom32Bytes(boolean debug)
This function gets a complete random number from the IC (all 32 bytes).
It stores it in a global public variable array called .random32Bytes
If you wish to access this global variable and use as a 256 bit random number,
then you will need to access this array and combine it's elements as you wish.
Output: Boolean
True- Random command execution successful.
False- Communication failure or IC command execution failure.
Example 1: Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com