Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS Datasheet(PDF) 3 Page - Schurter Inc.

Part # FAS
Description  Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAS Datasheet(HTML) 3 Page - Schurter Inc.

  FAS Datasheet HTML 1Page - Schurter Inc. FAS Datasheet HTML 2Page - Schurter Inc. FAS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Fuseholder
FAS
https://www.schurter.com /PG02
Circuit Protection
Derating Curves
020406080
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C
All Variants
Holder
Cap
Terminal
Degree of Pro-
tection
Order Number
l
slotted
straight
IP40
0031.3501
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-
Check/Stock-Check-SCHURTER
Packaging Unit
Bulk (100 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com