Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS Datasheet(PDF) 1 Page - Schurter Inc.

Part # FAS
Description  Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAS Datasheet(HTML) 1 Page - Schurter Inc.

  FAS Datasheet HTML 1Page - Schurter Inc. FAS Datasheet HTML 2Page - Schurter Inc. FAS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholder
FAS
https://www.schurter.com /PG02
Circuit Protection
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
fingergrip
See below:
Approvals and Compliances
250 VAC · 1.6W/6.3A (VDE) · 250VAC/VDC · 10A (UL/CSA)
Description
- Shocksafe Category PC1
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC1
Fuse-Link
5 x 20 mm
Mounting
PCB
Terminal
Solder THT
Rated Voltage
250 VAC (VDE), 250 VAC/VDC (UL/CSA)
Rated current
6.3 A (VDE), 10 A (UL/CSA)
Rated Power Acceptance IEC 1.6 W / 6.3 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP40
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Material: Cap
Thermoplastic, black, UL 94V-0
Material: Terminals
Copper alloy, tin-plated
Unit Weight
4.7 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated Voltage, Rated current, Certi-
fication marks
Soldering Methods
Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Contact Resistance
≤ 10mΩ at 100 mA acc. to IEC
60127-6
Dielectric Strength
> 3 kV between life parts
(50 Hz: 1 min)
Impulse Withstand Voltage
> 4 kV between life parts
Insulation Resistance
> 10 M
Ω between life parts
(500 VDC: 1 min)
Overvoltage Category
II acc. to IEC 60664-1
Pollution Degree
2 acc. to IEC 60664-1
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FAS
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40013508
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FAS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
logo
M-System Co.,Ltd.
FAS MSYSTEM-FAS Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FAS-00-K/Q MSYSTEM-FAS-00-K/Q Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231409 SCHURTER-231409 Datasheet
287Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal oder vertical
FAP SCHURTER-FAP Datasheet
366Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FEP SCHURTER-FEP Datasheet
225Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
231409 SCHURTER-231409_18 Datasheet
276Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal or vertical
FAP SCHURTER-FAP_18 Datasheet
247Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
FAS SCHURTER-FAS_18 Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FEP SCHURTER-FEP_18 Datasheet
275Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP_V01 Datasheet
289Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FAP SCHURTER-FAP_V01 Datasheet
258Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com