Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE85176AUG/DA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 9Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 10Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 11Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 12Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 13Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 14Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 15Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 16Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
13 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
7.3.4 Bank selection
7.3.4.1
Output bank selector
The output bank selector (see Table 14) selects one of the four rows per display RAM
address for transfer to the display register. The actual row selected depends on the
selected LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the contents of row 1, 2, and then 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
The PCE85176AUG includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. In the static drive mode, the bank-select command may request the contents
of row 2 to be selected for display instead of the contents of row 0. In the 1:2 multiplex
mode, the contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives
the provision for preparing display information in an alternative bank and to be able to
switch to it once it is assembled.
7.3.4.2
Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see
Table 14). The input bank selector functions independently to the output bank selector.
7.3.4.3
RAM bank switching
The PCE85176AUG includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. A bank can be thought of as one RAM row or a collection of RAM rows (see
Figure 6). The RAM bank switching gives the provision for preparing display information in
an alternative bank and to be able to switch to it once it is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com