Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE85176AUG/DA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Datasheet(HTML) 3 Page - NXP Semiconductors

  PCE85176AUG/DA Datasheet HTML 1Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 2Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 3Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 4Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 5Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 6Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 7Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 8Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
3 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
6.
Pinning information
6.1 Pinning
6.2 Pin description
Viewed from active side. For mechanical details, see Figure 27.
Fig 2.
Pinning diagram for PCE85176AUG (bare die)
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description
SDA
1, 58, 59
input/output
I2C-bus serial data line
SCL
2, 3
input
I2C-bus serial clock
T1
4
input/output
test pin; must be left open
CLK
5
input/output
clock line
VDD
6
supply
supply voltage
OSC
7
input
internal oscillator enable
T2 to T4
8 to 10
input
test pins; must be tied to VSS
SA0
11
input
I2C-bus address input
VSS
12
supply
ground supply voltage
VLCD
13
supply
LCD supply voltage
BP0, BP2,
BP1, BP3
14 to 17
output
LCD backplane outputs
S0 to S39
18 to 57
output
LCD segment outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com