Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAPM3503H2 Datasheet(PDF) 2 Page - Schneider Electric

Part # XAPM3503H2
Description  die-cast empty control station - XAPM - 횠22 - zinc alloy - 3 horizontal openings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XAPM3503H2 Datasheet(HTML) 2 Page - Schneider Electric

  XAPM3503H2 Datasheet HTML 1Page - Schneider Electric XAPM3503H2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Discount Schedule
CS2
GTIN
3389119414654
Nbr. of units in pkg.
1
Package weight(Lbs)
3.00 lb(US) (1.362 kg)
Returnability
Yes
Country of origin
MA
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.54 in (9 cm)
Package 1 width
4.72 in (12 cm)
Package 1 Length
7.48 in (19 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP), which is
known to the State of California to cause birth defects or other reproductive harm. For more information
go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Recommended replacement(s)
XAPM3503H2 is replaced by the following product range:
Harmony XAP, XB2 SL 22 mm Push Button Control Stations
Metal control stations for 22 mm metal push buttons (XB4/ZB4 range)
Products: 73
2
Feb 25, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com