Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAPM3503H2 Datasheet(PDF) 1 Page - Schneider Electric

Part # XAPM3503H2
Description  die-cast empty control station - XAPM - 횠22 - zinc alloy - 3 horizontal openings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XAPM3503H2 Datasheet(HTML) 1 Page - Schneider Electric

  XAPM3503H2 Datasheet HTML 1Page - Schneider Electric XAPM3503H2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
To be discontinued
die-cast empty control station
- XAPM - Ø22 - zinc alloy - 3
horizontal openings
XAPM3503H2
Discontinued on: 31 December 2021
To be end-of-service on: 30 June 2022
Price* : 208.00 USD
Main
Range of Product
Harmony XAP
Product or Component Type
Die-cast empty control station
Device short name
XAPM
Product destination
For Ø 22 mm control and signalling units
Product front plate size
80 x 175 mm
Usable depth
2.93 in (74.5 mm)
Number of cut-out
3 cut-outs
Colour of base of enclosure
Blue
Colour of cover
Blue
Material
Zinc alloy
Cable entry
1 hole with blanking plug for cable gland 0.71 in (18 mm)
1 hole without blanking plug for cable gland 0.71 in (18 mm)
Device mounting
Flush
IP degree of protection
IP65 IEC 60529
Complementary
Number of vertical rows
1
Net weight
2524.29 lb(US) (1145 kg)
Environment
Protective treatment
TC
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class I IEC 60536
Class I NF C 20-030
Ordering and shipping details
Category
22475-WALL STATIONS
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Feb 25, 2022
1


Similar Part No. - XAPM3503H2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XAPM3503 SCHNEIDER-XAPM3503 Datasheet
157Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 3 cut-outs, 횠22, 80 x 175 x 77 mm
Feb 10, 2022
More results

Similar Description - XAPM3503H2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K400101 E-SWITCH-K400101 Datasheet
83Kb / 1P
ZINC ALLOY DIE CAST
K700106 E-SWITCH-K700106 Datasheet
36Kb / 1P
ZINC ALLOY DIE CAST
K900005 E-SWITCH-K900005 Datasheet
17Kb / 1P
ZINC ALLOY DIE CAST
logo
Schneider Electric
XAPM1201H7 SCHNEIDER-XAPM1201H7 Datasheet
174Kb / 2P
die-cast empty control station - XAPJ - 횠 22 - zinc alloy - 1 opening
Feb 25, 2022
XAPM1202H2 SCHNEIDER-XAPM1202H2 Datasheet
179Kb / 2P
die-cast empty control station - XAPM - 횠 22 - zinc alloy - 2 openings
Feb 25, 2022
XAPM1501H2 SCHNEIDER-XAPM1501H2 Datasheet
165Kb / 2P
die-cast empty control station - XAPM - 횠 22 - zinc alloy - 1 opening
Feb 25, 2022
XAPM1502H2 SCHNEIDER-XAPM1502H2 Datasheet
170Kb / 2P
die-cast empty control station - XAPM - 횠 22 - zinc alloy - 2 openings
Feb 25, 2022
XAPM2202H2 SCHNEIDER-XAPM2202H2 Datasheet
139Kb / 2P
die-cast empty control station - XAPM - 횠22 - zinc alloy - 2 horizontal openings
Feb 25, 2022
XAPM2502H2 SCHNEIDER-XAPM2502H2 Datasheet
139Kb / 2P
die-cast empty control station - XAPM - 횠22 - zinc alloy - 2 horizontal openings
Feb 25, 2022
XAPM4508H29 SCHNEIDER-XAPM4508H29 Datasheet
151Kb / 3P
die-cast empty control station - XAPM - 횠 22 - zinc alloy - 8 openings
Feb 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com