Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1716 Datasheet(PDF) 8 Page - Microchip Technology

Part # MD1716
Description  3-Channel 3-Level High-Speed Ultrasound Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1716 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MD1716 Datasheet HTML 4Page - Microchip Technology MD1716 Datasheet HTML 5Page - Microchip Technology MD1716 Datasheet HTML 6Page - Microchip Technology MD1716 Datasheet HTML 7Page - Microchip Technology MD1716 Datasheet HTML 8Page - Microchip Technology MD1716 Datasheet HTML 9Page - Microchip Technology MD1716 Datasheet HTML 10Page - Microchip Technology MD1716 Datasheet HTML 11Page - Microchip Technology MD1716 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MD1716
DS20005924A-page 8
2020 Microchip Technology Inc.
31
ON2A
Damping N-channel gate driver for Channel A
32
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
33
GND
Power ground
34
ON1A
High-voltage output N-channel gate driver for Channel A
35
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
36
OP2A
Damping P-channel gate driver for Channel A
37
GND
Power ground
38
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
39
OP1A
High-voltage output P-channel gate driver for Channel A
40
VDD
Positive supply voltage of the gate drivers for the output stage in Channel A,
Channel B, and Channel C
Center Pad
Thermal pad
IC substrate. It must connect to GND externally.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com