Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1716 Datasheet(PDF) 1 Page - Microchip Technology

Part # MD1716
Description  3-Channel 3-Level High-Speed Ultrasound Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1716 Datasheet(HTML) 1 Page - Microchip Technology

  MD1716 Datasheet HTML 1Page - Microchip Technology MD1716 Datasheet HTML 2Page - Microchip Technology MD1716 Datasheet HTML 3Page - Microchip Technology MD1716 Datasheet HTML 4Page - Microchip Technology MD1716 Datasheet HTML 5Page - Microchip Technology MD1716 Datasheet HTML 6Page - Microchip Technology MD1716 Datasheet HTML 7Page - Microchip Technology MD1716 Datasheet HTML 8Page - Microchip Technology MD1716 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2020 Microchip Technology Inc.
DS20005924A-page 1
MD1716
Features
• Advanced CMOS Technology
• ±4.5V to 12.5V Power Supply Voltage
• 2A Output Source and Sink Current
• 6.5 ns Rise and Fall Time with 1 nF Load
• 10 ns Propagation Delay
• ±2 ns Matched Delay Times
• 12 Matched Channels
• 1.8V to 3.3V CMOS Logic Interface
• Smart Logic Threshold
• Low-Inductance Package
Applications
• Medical Ultrasound Imaging
• Piezoelectric Transducer Drivers
• Metal Flaw Detection
• Non-destructive Testing (NDT)
General Description
The MD1716, paired with Microchip’s TC8020, forms a
3-channel 3-level high-voltage high-speed transmit
pulser chip set. The chip set is designed for medical
ultrasound imaging applications but can also be used
for metal flaw detection, NDT, and piezoelectric
transducer drivers.
The MD1716 is a 3-channel logic controller circuit with
12 low-impedance MOSFET gate drivers. There are
three sets of control logic inputs—one for Channel A,
one for Channel B, and one for Channel C. Each
channel consists of two pairs of MOSFET gate drivers.
These drivers are designed to match the drive
requirements of Microchip’s TC8020.
The TC8020 is the high-voltage output stage of the
pulser with six pairs of MOSFETs. Each pair consists of
a P-channel and an N-channel MOSFET. They are
designed to have the same impedance and can provide
typical peak currents of ±3.5A.
Package Type
See Table 2-1 for pin information.
40-lead QFN
(Top view)
1
40
3-Channel 3-Level High-Speed Ultrasound Driver IC


Similar Part No. - MD1716

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1716K6-G SUTEX-MD1716K6-G Datasheet
802Kb / 8P
Three Channel, Three Level, High Speed Ultrasound Driver IC
More results

Similar Description - MD1716

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
High Speed Ultrasound Beamforming Source Driver
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
High Speed Ultrasound Beamforming Source Driver
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
Two Channel, Five Level, High Speed Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com