Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC69301 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC69301
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69301 Datasheet(HTML) 4 Page - Microchip Technology

  MIC69301 Datasheet HTML 1Page - Microchip Technology MIC69301 Datasheet HTML 2Page - Microchip Technology MIC69301 Datasheet HTML 3Page - Microchip Technology MIC69301 Datasheet HTML 4Page - Microchip Technology MIC69301 Datasheet HTML 5Page - Microchip Technology MIC69301 Datasheet HTML 6Page - Microchip Technology MIC69301 Datasheet HTML 7Page - Microchip Technology MIC69301 Datasheet HTML 8Page - Microchip Technology MIC69301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC69301/2/3
DS20006625A-page 4
2021 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN to GND)............................................................................................................... –0.3V to +6V
Logic Input Voltage (VEN to GND)................................................................................................... –0.3V to (VIN + 0.3V)
Fault Flag (VFLG to GND)............................................................................................................................. –0.3V to +6V
ESD Rating (Note 1)...................................................................................................................................................2 kV
Operating Ratings ††
Supply Voltage (VIN)................................................................................................................................+1.65V to +5.5V
Enable Input Voltage (VEN) ................................................................................................................................ 0V to VIN
Power Dissipation (Note 2).....................................................................................................................Internally Limited
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Specification for packaged product only.
2: The maximum allowable power dissipation of any TA (ambient temperature) is PD(MAX) = (TJ(MAX) – TA) ÷
θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = +25°C with VIN = VOUT + 1V; bold values indicate –40°C < TJ < +125°C;
IOUT = 10 mA; COUT = 10 µF ceramic, unless noted. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Input Supply
Input Voltage Range
VIN
1.65
—
5.5
V
—
Ground Pin Current
IGND
—
1.2
5
mA
IOUT = 10 mA
—
12
30
mA
IOUT = 1.5 A
—
32
75
mA
IOUT = 3 A
Ground Pin Current in
Shutdown
—
—
1
—
µA
VEN = 0V; VIN = 2.0V; VOUT = 0V
Output Voltage
Output Voltage (Fixed)
VOUT
VR –
2.0
—
VR +
2.0
V
Note 2
Load Regulation
—
—
±0.3
—
%
IOUT = 10 mA to 3A
Line Regulation (Note 3)
—
—
0.2
0.3
%/V
VIN = (VOUT + 1.0V) to 5.5V
Note 1: Specification for packaged product only.
2: VR is the nominal regulator output voltage when the input voltage is VIN = VOUT + 1V or VIN = 1.65V
(whichever is greater).
3: Minimum input for line regulation test is set to VOUT + 1V relative to the highest output voltage.
4: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below
its nominal value measured at 1V differential. For outputs below 1.65V, dropout voltage is considered the
input-to-output voltage differential with the minimum input voltage of 1.65V. Minimum input operating volt-
age is 1.65V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com