Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC69301 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC69301
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69301 Datasheet(HTML) 5 Page - Microchip Technology

  MIC69301 Datasheet HTML 1Page - Microchip Technology MIC69301 Datasheet HTML 2Page - Microchip Technology MIC69301 Datasheet HTML 3Page - Microchip Technology MIC69301 Datasheet HTML 4Page - Microchip Technology MIC69301 Datasheet HTML 5Page - Microchip Technology MIC69301 Datasheet HTML 6Page - Microchip Technology MIC69301 Datasheet HTML 7Page - Microchip Technology MIC69301 Datasheet HTML 8Page - Microchip Technology MIC69301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006625A-page 5
MIC69301/2/3
Reference (Adjustable)
Feedback Reference Voltage
(ADJ Pin)
—
0.490
0.5
0.510
V
±2.0%
Feedback Bias Current
—
—
0.25
1.0
µA
VADJ = 0.5V
Current Limit
Current Limit
ILIM
3.3
5.2
—
A
VOUT = 0V
Power Dropout Voltage
Dropout Voltage (Note 4)
VIN –
VOUT
—
200
300
mV
IOUT = 1.5A
—
275
500
mV
IOUT = 3A
Enable Input
Enable Input Threshold
—
0.8
0.57
—
V
Regulator Enabled
—
—
0.2
Regulator Shut Down
Enable Pin Bias Current
—
—
0.0
—
µA
VEN ≤ 0.2V (Regulator Shutdown)
—
7.0
—
VEN ≥ 0.8V (Regulator Enabled)
Turn-On Time
tON
—
10
150
µs
90% of typical VOUT; VEN = VIN
Fault Output
Fault Threshold Voltage
—
7.5
10
14
%
% of VOUT below nominal output
(VOUT Falling)
Fault Hysteresis
—
—
2.0
—
%
—
Fault Output Low Voltage
—
—
150
—
mV
IFLG = 250 μA (sinking), VEN = 0V
Fault Leakage Current
—
—
0.05
—
µA
VFLG = 5.0V; VEN = 0V
Thermal Protection
Overtemperature Shutdown
—
—
165
—
°C
TJ rising
Overtemperature Shutdown
Hysteresis
—
—
10
—
°C
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: TA = +25°C with VIN = VOUT + 1V; bold values indicate –40°C < TJ < +125°C;
IOUT = 10 mA; COUT = 10 µF ceramic, unless noted. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: VR is the nominal regulator output voltage when the input voltage is VIN = VOUT + 1V or VIN = 1.65V
(whichever is greater).
3: Minimum input for line regulation test is set to VOUT + 1V relative to the highest output voltage.
4: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below
its nominal value measured at 1V differential. For outputs below 1.65V, dropout voltage is considered the
input-to-output voltage differential with the minimum input voltage of 1.65V. Minimum input operating volt-
age is 1.65V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com