Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVS10BMW Datasheet(PDF) 1 Page - Schneider Electric

Part # XVS10BMW
Description  Multi-sound Siren 12/24VDC 2 Tones
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVS10BMW Datasheet(HTML) 1 Page - Schneider Electric

  XVS10BMW Datasheet HTML 1Page - Schneider Electric XVS10BMW Datasheet HTML 2Page - Schneider Electric XVS10BMW Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aug 11, 2019
1
Product data sheet
Characteristics
XVS10BMW
Multi-sound Siren 12/24VDC 2 Tones
Product availability: Non-Stock - Not normally stocked in distribution facility
Main
Range of product
Harmony XVS
Product or component
type
Siren
Device short name
XVS
Color
White
Signalling type
2 tones siren
[Us] rated supply volt-
age
12 V AC/DC
24 V AC/DC
Noise level
106 dB (continuous or intermittent tone) at 1 m
Complementary
Material
PC (body)
Product weight
1.76 lb(US) (0.8 kg)
Marking
CE
[Uimp] rated impulse withstand voltage
0.8 kV
Current consumption
500 mA
300 mA at 24 V
Clamping connection capacity
<= 1 x 1.5 mm²
Electrical connection
Cable: 0.26...0.33 in (6.5...8.5 mm)
Width
4.49 in (114 mm)
Height
4.49 in (114 mm)
Depth
6.03 in (153.2 mm)
Environment
Standards
EN/IEC 60947-5-1
EN/IEC 60947-1
Protective treatment
TC
Ambient air temperature for storage
-31...158 °F (-35...70 °C)
Ambient air temperature for operation
-22...122 °F (-30...50 °C)
Electrical shock protection class
Class II conforming to EN/IEC 61140
IP degree of protection
IP53 conforming to EN/IEC 60529
Ordering and shipping details
Category
22617 - XVC TOWER LIGHTS
Discount Schedule
XV
GTIN
00785901944744
Nbr. of units in pkg.
1
Package weight(Lbs)
2.2600000000000002
Returnability
N
Country of origin
ID


Similar Part No. - XVS10BMW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVS10BMW SCHNEIDER-XVS10BMW Datasheet
106Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS10BMW SCHNEIDER-XVS10BMW_V01 Datasheet
106Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
More results

Similar Description - XVS10BMW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
logo
Schneider Electric
XVS10GMW SCHNEIDER-XVS10GMW Datasheet
111Kb / 3P
Multi-sound Siren 120VDC 2 Tones
Aug 10, 2019
XVS10MMW SCHNEIDER-XVS10MMW Datasheet
111Kb / 3P
Multi-sound Siren 230VAC 2 Tones
Aug 11, 2019
XVS14BMW SCHNEIDER-XVS14BMW Datasheet
113Kb / 3P
Multi-sound Siren
Aug 11, 2019
XVS14BMW SCHNEIDER-XVS14BMW_V01 Datasheet
110Kb / 3P
Harmony XVS, Multi-sound siren, pre-wired, white colour, 0...105 dB, 43 tones, 12/24V DC
Jan 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com