Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-155-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP322ACPZ-155-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-155-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP322ACPZ-155-R7 Datasheet HTML 16Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 17Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 18Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 19Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 20Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 21Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 22Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 23Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADP322/ADP323
Rev. E | Page 23 of 24
OUTLINE DIMENSIONS
1
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.20 REF
0.20 MIN
SIDE VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1.75
1.60 SQ
1.45
3.10
3.00 SQ
2.90
0.50
0.40
0.30
0.05 MAX
0.02 NOM
COPLANARITY
0.08
0.30
0.23
0.18
0.80
0.75
0.70
SEATING
PLANE
EXPOSED
PAD
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
PIN 1
INDICATOR
AREA
0.50
BSC
COMPLIANT
TO JEDEC STANDARDS MO-220-WEED-6
Figure 64. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-22)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Output Voltage (V)2
Package Description
Package
Option
Marking
Code
VOUT1
VOUT2
VOUT3
ADP322ACPZ-115-R7
−40°C to +125°C
3.3 V
2.8 V
1.8 V
16-Lead LFCSP
CP-16-22
LGU
ADP322ACPZ-135-R7
−40°C to +125°C
3.3 V
2.5 V
1.8 V
16-Lead LFCSP
CP-16-22
LGT
ADP322ACPZ-145-R7
−40°C to +125°C
3.3 V
2.5 V
1.2 V
16-Lead LFCSP
CP-16-22
LJC
ADP322ACPZ-155-R7
−40°C to +125°C
3.3 V
1.8 V
1.5 V
16-Lead LFCSP
CP-16-22
LGS
ADP322ACPZ-165-R7
−40°C to +125°C
3.3 V
1.8 V
1.2V
16-Lead LFCSP
CP-16-22
LLX
ADP322ACPZ-175-R7
−40°C to +125°C
2.8 V
1.8 V
1.2 V
16-Lead LFCSP
CP-16-22
LGR
ADP322ACPZ-189-R7
−40°C to +125°C
2.5 V
1.8 V
1.2 V
16-Lead LFCSP
CP-16-22
LJD
ADP323ACPZ-R7
−40°C to +125°C
Adjustable
Adjustable
Adjustable
16-Lead LFCSP
CP-16-22
LGQ
ADP323CP-EVALZ
Evaluation board
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local sales or distribution representative
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com