Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-155-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP322ACPZ-155-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-155-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP322ACPZ-155-R7 Datasheet HTML 15Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 16Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 17Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 18Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 19Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 20Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 21Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 22Page - Analog Devices ADP322ACPZ-155-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP322/ADP323
Rev. E | Page 19 of 24
NOISE REDUCTION OF THE ADP323 IN
ADJUSTABLE MODE
The adjustable LDO circuit can be modified to reduce the output
voltage noise to levels close to that of the 500 mV output ADP323.
The circuit shown in Figure 56 adds two additional components
to the output voltage setting resistor divider. CNR and RNR are
added in parallel with R1 to reduce the ac gain of the error
amplifier. RNR is chosen to be small with respect to R2. If RNR
is 1% to 10% of the value of R2, the minimum ac gain of the error
amplifier is approximately 0.1 dB to 0.8 dB. The actual gain is
determined by the parallel combination of RNR and R1. This
gain ensures that the error amplifier always operates at slightly
greater than unity gain.
CNR is chosen by setting the reactance of CNR equal to R1 − RNR
at a frequency between 1 Hz and 50 Hz. This setting places the
frequency where the ac gain of the error amplifier is 3 dB down
from its dc gain.
The noise of the adjustable LDO is found by using the following
formula, assuming the noise of the 500 mV output is approxi-
mately 14 μV.
Noise = 14 μV × (RPAR + R2)/R2
(1)
where RPAR is a parallel combination of R1 and RNR.
Based on the component values shown in Figure 56, the ADP323
has the following characteristics:
•
DC gain of 5 (13.98 dB)
•
3 dB roll-off frequency of 0.79 Hz
•
High frequency ac gain of 1.02 (0.17 dB)
•
Theoretical noise reduction factor of 4.9 (13.8 dB)
•
Measured rms noise of the adjustable LDO without noise
reduction is 39.5 µV rms
•
Measured rms noise of the adjustable LDO with noise
reduction is 14.4 µV rms
•
Measured noise reduction of approximately 8.8 dB
LDO 1
ADP323
EN LD1
VOUT1 = 1.5V
GND
FB1
VBIAS
VBIAS
VBIAS
R2
50kΩ
RNR1
1kΩ
R1
100kΩ
CNR1
1µF
1µF
LDO 2
EN LD2
LDO 3
EN LD3
VOUT2 = 2.5V
FB2
R4
50kΩ
RNR2
1kΩ
R3
200kΩ
CNR2
1µF
1µF
VOUT3 = 3.3V
FB3
R6
35.7kΩ
RNR3
1kΩ
R5
200kΩ
CNR3
1µF
1µF
VBIAS
OFF
ON
EN1
OFF
ON
EN2
OFF
ON
EN3
1µF
+
2.5V TO
5.5V
VIN1/VIN2
VIN3
1µF
+
3.0V TO
5.5V
3.8V TO
5.5V
1µF
+
Figure 56. Noise Reduction Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com