Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1765ACPZ-0.9-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1765ACPZ-0.9-R7
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765ACPZ-0.9-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1765ACPZ-0.9-R7 Datasheet HTML 10Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 11Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 12Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 13Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 14Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 15Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 16Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 17Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP1765
Data Sheet
Rev. A | Page 14 of 20
ADJUSTABLE OUTPUT VOLTAGE
The output voltage of the ADP1765 can be set over a 0.5 V to
1.5 V range. Connect a resistor (RADJ) from the VADJ pin to
ground to set the output voltage. To calculate the output voltage
(VOUT), use the following equation:
VOUT = AD × (RADJ × IADJ)
(3)
where:
AD is the gain factor with a typical value of 2.99 between the
VADJ pin and VOUT pin.
IADJ is the 50 μA constant current out of the VADJ pin.
ENABLE FEATURE
The ADP1765 uses the EN pin to enable and disable the VOUT pins
under normal operating conditions. As shown in Figure 42, when a
rising voltage on EN crosses the active threshold, VOUT turns on.
When a falling voltage on EN crosses the inactive threshold,
VOUT turns off.
CH1 200mV
CH2 200mV
10.00ms
100kSPS
10k POINTS
CH1
1.21V
T
121.9200ms
21
T
EN
VOUT
Figure 42. Typical EN Pin Operation
As shown in Figure 43, the EN pin has built in hysteresis. This
hysteresis prevents on/off oscillations that can occur due to noise
on the EN pin as it passes through the threshold points.
0.59
0.60
0.62
0.64
0.61
0.63
0.65
0.66
EN THRESHOLD (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
TA = +125°C
TA = +85°C
TA = +25°C
TA = 0°C
TA = –40°C
Figure 43. Output Voltage (VOUT) vs. EN Threshold, VOUT = 1.3 V
POWER-GOOD (PG) FEATURE
The ADP1765 provides a power-good pin (PG) to indicate the
status of the output. This open-drain output requires an external
pull-up resistor that can be connected to VIN or VOUT. If the
device is in shutdown mode, current-limit mode, or thermal
shutdown, or if it falls below 90% of the nominal output voltage,
PG immediately transitions low. During soft start, the rising
threshold of the power-good signal is 96.5% of the nominal
output voltage.
The open-drain output is held low when the ADP1765 has
sufficient input voltage to turn on the internal PG transistor. An
optional soft start delay can be detected. The PG transistor is
terminated via a pull-up resistor to VIN or VOUT.
Power-good accuracy is 93.8% of the nominal regulator output
voltage when this voltage is rising, with a 96.5% trip point when
this voltage is falling.
Regulator input voltage brownouts or glitches trigger a power
no good if VOUT falls below 93.8%.
A normal power-down triggers a power good when VOUT is at
96.5%.
CH1 1V
CH2 1V
CH3 1V
200µs
5.00MSPS
10k POINTS
CH2
1.30V
T
–70.00000µs
2
3
1
T
EN
PG
VOUT
Figure 44. Typical PG Voltage Behavior vs. VOUT, VIN Rising (VOUT = 1.3 V)
CH1 1V BW
CH2 1V BW
CH3 1V BW
200µs
500MSPS
1M POINTS
CH2
700mV
T
–5.20000µs
2
3
1
T
EN
PG
VOUT
Figure 45. Typical PG Voltage Behavior vs. VOUT, VIN Falling (VOUT = 1.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com