Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1765ACPZ-0.9-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1765ACPZ-0.9-R7
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765ACPZ-0.9-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1765ACPZ-0.9-R7 Datasheet HTML 12Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 13Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 14Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 15Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 16Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 17Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 18Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 19Page - Analog Devices ADP1765ACPZ-0.9-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP1765
Rev. A | Page 17 of 20
THERMAL CONSIDERATIONS
In applications with a low input-to-output voltage differential,
the ADP1765 does not dissipate much heat. However, in
applications with high ambient temperature and/or high input
voltage, the heat dissipated in the package may become large
enough to cause the junction temperature of the die to exceed
the maximum junction temperature of 125°C.
When the junction temperature exceeds 152°C, the regulator
enters thermal shutdown. The regulator recovers only after the
junction temperature decreases below 136°C to prevent any
permanent damage. Therefore, thermal analysis for the chosen
application is important to guarantee reliable performance over
all conditions. The junction temperature of the die is the sum of
the board temperature and the temperature rise of the package
due to the power dissipation, as shown in Equation 6.
To guarantee reliable operation, the junction temperature of the
ADP1765 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include board temperature, power
dissipation in the power device, and thermal characterization
parameter between the junction and board (ΨJB). The ΨJB
parameter is dependent on the package assembly compounds and
the PCB copper area. Table 7 shows the typical ΨJB values for the
16-lead LFCSP package for various PCB copper areas.
Table 7. Typical non-JEDEC ΨJB Values
PCB Copper Area (mm2)
ΨJB (°C/W) at 2W
25
71.05
100
18.9
500
13.45
1000
13.15
Calculate the junction temperatures of the ADP1765 by
TJ = TB + (PD × ΨJB)
(6)
where:
TB is the board temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(7)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to
TJ = TB + (((VIN − VOUT) × ILOAD) × ΨJB)
(8)
As shown in Equation 8, for a given board temperature, input-
to-output voltage differential and continuous load current, a
minimum copper area requirement exists for the PCB to ensure
that the junction temperature does not rise above 125°C.
Figure 50 to Figure 55 show the junction temperature calculations
for the different board temperatures, power dissipation, and
areas of the PCB copper.
0
0.2
0.6
1.0
0.4
0.8
1.2
1.4
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.1A
1.0A
2.0A
3.0A
4.0A
5.0A
TJ MAX
Figure 50. 1000 mm2 of PCB Copper, TB = 25°C
0
0.2
0.6
1.0
0.4
0.8
1.2
1.4
VIN – VOUT (V)
0
20
40
60
80
100
120
140
TJ MAX
0.1A
1.0A
2.0A
3.0A
4.0A
5.0A
Figure 51. 500 mm2 of PCB Copper, TB = 25°C
0
0.2
0.6
1.0
0.4
0.8
1.2
1.4
VIN – VOUT (V)
0
20
40
60
80
100
120
140
TJ MAX
0.1A
1.0A
2.0A
3.0A
4.0A
5.0A
Figure 52. 100 mm2 of PCB Copper, TB= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com