Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS09 Datasheet(PDF) 2 Page - CUI INC

Part # TS09
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS09 Datasheet(HTML) 2 Page - CUI INC

  TS09 Datasheet HTML 1Page - CUI INC TS09 Datasheet HTML 2Page - CUI INC TS09 Datasheet HTML 3Page - CUI INC TS09 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cuidevices.com
CUI Devices
│ SERIES: TS09 │ DESCRIPTION: TACTILE SWITCH
date 11/23/2021
│ page 2 of 4
MECHANICAL DRAWING
units: mm
tolerance: ±0.2 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
terminals
brass
silver
2
housing
LCP (UL94V-0)
black
3
contacts
SUS
silver
4
stem
PPA (UL94V-0)
5
cover
SUS
Operating Force Table
Model
Press Force (N)
Return Force (N)
160
1.6±0.5
>0.2
260
2.6±0.7
>0.2
ACTUATOR POSITION
( ): MOMENTARY
NORMAL
DOWN
OFF
(ON)
SCHEMATIC
Recommended PCB Layout
Top View
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com