Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS09 Datasheet(PDF) 1 Page - CUI INC

Part # TS09
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS09 Datasheet(HTML) 1 Page - CUI INC

  TS09 Datasheet HTML 1Page - CUI INC TS09 Datasheet HTML 2Page - CUI INC TS09 Datasheet HTML 3Page - CUI INC TS09 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 11/23/2021
page 1 of 4
cuidevices.com
SERIES: TS09
│ DESCRIPTION: TACTILE SWITCH
FEATURES
• red or white actuator versions
• surface mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1
12
Vdc
rated current
0.01
50
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
applying load of 2 times operating force at 5 Vdc,
10 mA
100
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
operating force
see force table
actuator travel
0.15
0.25
0.35
mm
operating temperature
-30
80
°C
storage temperature
-40
90
°C
life
rated load, 1 cycle/second, 1.5 times operating force
160 gf models
260 gf models
40,000
40,000
cycles
cycles
vibration
10~55~10 Hz, 1.5 mm amplitude, 2 hours on each XYZ
flammability rating
see material table
RoHS
yes
PART NUMBER KEY
Base Number
TS09 - 63 - XX - XX - XXX - SMT - TR
Housing Height:
25 = 2.5 mm
Push Force:
160 = 160 gf
260 = 260 gf
Actuator Color:
R = red
WT = white
Additional Resources: Product Page


Similar Part No. - TS09

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS09 SUNTAN-TS09 Datasheet
547Kb / 1P
High Voltage Metallized Polypropylene Film Capacitors
logo
Bothhand USA, LP.
TS090A BOTHHAND-TS090A Datasheet
282Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
logo
Suntan Capacitors
TS09B SUNTAN-TS09B Datasheet
290Kb / 6P
METALLIZED POLYPROPLYLEN FILM CAPACITOR
TS09B SUNTAN-TS09B_17 Datasheet
153Kb / 4P
High Voltage Metallized Polypropylene Film Capacitor
TS09 SUNTAN-TS09_17 Datasheet
96Kb / 1P
High Voltage Metallized Polypropylene Film Capacitors
More results

Similar Description - TS09

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com