Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35102 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF35102
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF35102 Datasheet HTML 6Page - Texas Instruments REF35102 Datasheet HTML 7Page - Texas Instruments REF35102 Datasheet HTML 8Page - Texas Instruments REF35102 Datasheet HTML 9Page - Texas Instruments REF35102 Datasheet HTML 10Page - Texas Instruments REF35102 Datasheet HTML 11Page - Texas Instruments REF35102 Datasheet HTML 12Page - Texas Instruments REF35102 Datasheet HTML 13Page - Texas Instruments REF35102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
8.2 Temperature Coefficient
The REF35 is designed and tested for a low output voltage temperature coefficient, which is defined as the
change in output voltage over temperature. The temperature coefficient is calculated using the box method in
which a box is formed by the min/max limits for the nominal output voltage over the operating temperature range.
REF35 has a low maximum temperature coefficient of 10 ppm/°C from –40°C to +125°C and TBD ppm/°C from
–40°C to +85°C. The box method specifies limits for the temperature error but does not specify the exact shape
and slope of the device under test. Due to temperature curvature correction to achieve low-temperature drift, the
temperature drift is expected to be non-linear. See SLYT183 for more information on the box method. The box
method equation is shown in Equation 1
REF(MAX)
REF(MIN)
6
REF(25 C)
V
V
Drift
10
V
Temperature Range
q
§
·
u
¨
¸
¨
¸
u
©
¹
(1)
Figure 8-3 shows a typical voltage versus temperature curves across 32 devices. Figure 8-4 shows the
distribution of temperature coefficients across 32 devices.
Figure 8-3. Output Voltage Vs Free-Air
Temperature
Figure 8-4. Temperature Coefficient Distribution
REF35
SNAS809 – DECEMBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com