Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35102 Datasheet(PDF) 12 Page - Texas Instruments

Part # REF35102
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF35102 Datasheet HTML 8Page - Texas Instruments REF35102 Datasheet HTML 9Page - Texas Instruments REF35102 Datasheet HTML 10Page - Texas Instruments REF35102 Datasheet HTML 11Page - Texas Instruments REF35102 Datasheet HTML 12Page - Texas Instruments REF35102 Datasheet HTML 13Page - Texas Instruments REF35102 Datasheet HTML 14Page - Texas Instruments REF35102 Datasheet HTML 15Page - Texas Instruments REF35102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Figure 8-6. Thermal Hysteresis Distribution (VREF)
8.5 Noise Performance
The reference pin output noise is categorized as low frequency and broadband noise. Following sections
describe these categories in detail.
8.5.1 Low Frequency (1/f) Noise
Flicker noise, also known as 1/f noise, is a low frequency noise that affects the device output voltage which can
affect precision measurements in ADCs. This noise increases proportionally with output voltage and operating
temperature. It is measured by filtering the output from 0.1-Hz to 10-Hz. Since the 1/f noise is an extremely low
value, the frequency of interest needs to be amplified and band-pass filtered. This is done by using a high-pass
filter to block the DC voltage. The resulting noise is then amplified by a gain of 1000. The bandpass filter is
created by a series of high-pass and low-pass filter that adds additional gain to make it more visible on a
oscilloscope as shown in Figure 8-7. Figure 8-8 shows the effect of flicker noise over 10 second. Flicker noise
must be tested in a Faraday cage enclosure to block environmental noise.
Figure 8-7. Low Frequency (1/f) Noise Test Setup
Figure 8-8. 0.1-Hz to 10-Hz Voltage Noise
Figure 8-9 shows the typical 1/f noise (0.1-Hz to 10-Hz) distribution across REF35 devices. REF35 device also
offers noise reduction functionality by adding an optional capacitor between NR (pin 5) and ground pins.
Figure 8-10 shows the typical 1/f noise (0.1-Hz to 10-Hz) distribution across REF35 devices with 10 μF capacitor
between NR pin and GND.
REF35
SNAS809 – DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com