Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 72Page - STMicroelectronics STM32H750VB Datasheet HTML 73Page - STMicroelectronics STM32H750VB Datasheet HTML 74Page - STMicroelectronics STM32H750VB Datasheet HTML 75Page - STMicroelectronics STM32H750VB Datasheet HTML 76Page - STMicroelectronics STM32H750VB Datasheet HTML 77Page - STMicroelectronics STM32H750VB Datasheet HTML 78Page - STMicroelectronics STM32H750VB Datasheet HTML 79Page - STMicroelectronics STM32H750VB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 337 page
background image
Pin descriptions
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
76/336
DS12556 Rev 6
89
133
A10
161
C6
PB3
(JTDO/TRACES
WO)
I/O
FT
-
JTDO/TRACESWO, TIM2_CH2,
HRTIM_FLT4,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK, SPI6_SCK,
SDMMC2_D2, CRS_SYNC,
UART7_RX, EVENTOUT
-
90
134
A9
162
B7
PB4(NJTRST)
I/O
FT
-
NJTRST, TIM16_BKIN,
TIM3_CH1, HRTIM_EEV6,
SPI1_MISO/I2S1_SDI,
SPI3_MISO/I2S3_SDI,
SPI2_NSS/I2S2_WS, SPI6_MISO,
SDMMC2_D3, UART7_TX,
EVENTOUT
-
91
135
A6
163
A5
PB5
I/O
FT
-
TIM17_BKIN, TIM3_CH2,
HRTIM_EEV7, I2C1_SMBA,
SPI1_MOSI/I2S1_SDO,
I2C4_SMBA,
SPI3_MOSI/I2S3_SDO,
SPI6_MOSI, FDCAN2_RX,
OTG_HS_ULPI_D7,
ETH_PPS_OUT, FMC_SDCKE1,
DCMI_D10, UART5_RX,
EVENTOUT
-
-
-
H8
-
-
VSS
S
-
-
-
-
92
136
B6
164
B5
PB6
I/O
FT_f
-
TIM16_CH1N, TIM4_CH1,
HRTIM_EEV8, I2C1_SCL, CEC,
I2C4_SCL, USART1_TX,
LPUART1_TX, FDCAN2_TX,
QUADSPI_BK1_NCS,
DFSDM1_DATIN5, FMC_SDNE1,
DCMI_D5, UART5_TX,
EVENTOUT
-
93
137
B5
165
C5
PB7
I/O
FT_fa
-
TIM17_CH1N, TIM4_CH2,
HRTIM_EEV9, I2C1_SDA,
I2C4_SDA, USART1_RX,
LPUART1_RX,
FDCAN2_TXFD_MODE,
DFSDM1_CKIN5, FMC_NL,
DCMI_VSYNC, EVENTOUT
PVD_IN
94
138
D6
166
E8
BOOT0
I
B
-
-
VPP
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com