Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H750VB Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32H750VB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750VB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32H750VB Datasheet HTML 19Page - STMicroelectronics STM32H750VB Datasheet HTML 20Page - STMicroelectronics STM32H750VB Datasheet HTML 21Page - STMicroelectronics STM32H750VB Datasheet HTML 22Page - STMicroelectronics STM32H750VB Datasheet HTML 23Page - STMicroelectronics STM32H750VB Datasheet HTML 24Page - STMicroelectronics STM32H750VB Datasheet HTML 25Page - STMicroelectronics STM32H750VB Datasheet HTML 26Page - STMicroelectronics STM32H750VB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 337 page
background image
DS12556 Rev 6
23/336
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Functional overview
52
3.3
Memories
3.3.1
Embedded Flash memory
The STM32H750xB devices embed 128 Kbytes of Flash memory that can be used for
storing programs and data.
The Flash memory is organized as follows:
•
128 Kbytes of user Flash memory containing 128 Kbytes of System Flash memory
from which the device can boot
•
2 Kbytes (64 Flash words) of user option bytes for user configuration
3.3.2
Secure access mode
In addition to other typical memory protection mechanism (RDP, PCROP), STM32H750xB
devices introduce the Secure access mode, a new enhanced security feature. This mode
allows developing user-defined secure services by ensuring, on the one hand code and
data protection and on the other hand code safe execution.
Two types of secure services are available:
•
STMicroelectronics Root Secure Services:
These services are embedded in System memory. They provide a secure solution for
firmware and third-party modules installation. These services rely on cryptographic
algorithms based on a device unique private key.
•
User-defined secure services:
These services are embedded in user Flash memory. Examples of user secure
services are proprietary user firmware update solution, secure Flash integrity check or
any other sensitive applications that require a high level of protection.
The secure firmware is embedded in specific user Flash memory areas configured
through option bytes.
Secure services are executed just after a reset and preempt all other applications to
guarantee protected and safe execution. Once executed, the corresponding code and data
are no more accessible.
The above secure services are available only for Cortex®-M7 core operating in Secure
access mode. The other masters cannot access the option bytes involved in Secure access
mode settings or the Flash secured areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com