Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053C8 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32L053C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 12Page - STMicroelectronics STM32L053C8 Datasheet HTML 13Page - STMicroelectronics STM32L053C8 Datasheet HTML 14Page - STMicroelectronics STM32L053C8 Datasheet HTML 15Page - STMicroelectronics STM32L053C8 Datasheet HTML 16Page - STMicroelectronics STM32L053C8 Datasheet HTML 17Page - STMicroelectronics STM32L053C8 Datasheet HTML 18Page - STMicroelectronics STM32L053C8 Datasheet HTML 19Page - STMicroelectronics STM32L053C8 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
Functional overview
STM32L053x6 STM32L053x8
16/136
DS10152 Rev 9
Table 2. Functionalities depending on the operating power supply range
Operating power supply
range(1)
1. GPIO speed depends on VDD voltage range. Refer to Table 60: I/O AC characteristics for more information
about I/O speed.
Functionalities depending on the operating power supply
range
DAC and ADC
operation
Dynamic voltage
scaling range
USB
VDD = 1.65 to 1.71 V
ADC only, conversion
time up to 570 ksps
Range 2 or
range 3
Not functional
VDD = 1.71 to 1.8 V(2)
2. CPU frequency changes from initial to final must respect "fcpu initial <4*fcpu final". It must also respect 5
μs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, you can switch from 4.2
MHz to 16 MHz, wait 5 μs, then switch from 16 MHz to 32 MHz.
ADC only, conversion
time up to 1.14 Msps
Range 1, range 2 or
range 3
Functional(3)
VDD = 1.8 to 2.0 V(2)
Conversion time up to
1.14 Msps
Range1, range 2 or
range 3
Functional(3)
VDD = 2.0 to 2.4 V
Conversion time up to
1.14 Msps
Range 1, range 2 or
range 3
Functional(3)
3. To be USB compliant from the I/O voltage standpoint, the minimum VDD_USB is 3.0 V.
VDD = 2.4 to 3.6 V
Conversion time up to
1.14 Msps
Range 1, range 2 or
range 3
Functional(3)
Table 3. CPU frequency range depending on dynamic voltage scaling
CPU frequency range
Dynamic voltage scaling range
16 MHz to 32 MHz (1ws)
32 kHz to 16 MHz (0ws)
Range 1
8 MHz to 16 MHz (1ws)
32 kHz to 8 MHz (0ws)
Range 2
32 kHz to 4.2 MHz (0ws)
Range 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com