Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053C8 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32L053C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 36Page - STMicroelectronics STM32L053C8 Datasheet HTML 37Page - STMicroelectronics STM32L053C8 Datasheet HTML 38Page - STMicroelectronics STM32L053C8 Datasheet HTML 39Page - STMicroelectronics STM32L053C8 Datasheet HTML 40Page - STMicroelectronics STM32L053C8 Datasheet HTML 41Page - STMicroelectronics STM32L053C8 Datasheet HTML 42Page - STMicroelectronics STM32L053C8 Datasheet HTML 43Page - STMicroelectronics STM32L053C8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
Pin descriptions
STM32L053x6 STM32L053x8
40/136
DS10152 Rev 9
Table 14. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset.
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 15. STM32L053x6/8 pin definitions
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions
1
1
1
B2
VLCD
S
-
-
-
-
2
1
2
A2
PC13
I/O
FT
-
-
RTC_TAMP1/RTC_TS/RT
C_OUT/WKUP2
323
A1
PC14-OSC32_IN
(PC14)
I/O
FT
-
-
OSC32_IN
434
B1
PC15-
OSC32_OUT
(PC15)
I/O
TC
-
-
OSC32_OUT
545
C1
PH0-OSC_IN
(PH0)
I/O
TC
-
USB_CRS_SYNC
OSC_IN
656
D1
PH1-OSC_OUT
(PH1)
I/O
TC
-
-
OSC_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com