Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB10CC Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32WB10CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB10CC Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32WB10CC Datasheet HTML 62Page - STMicroelectronics STM32WB10CC Datasheet HTML 63Page - STMicroelectronics STM32WB10CC Datasheet HTML 64Page - STMicroelectronics STM32WB10CC Datasheet HTML 65Page - STMicroelectronics STM32WB10CC Datasheet HTML 66Page - STMicroelectronics STM32WB10CC Datasheet HTML 67Page - STMicroelectronics STM32WB10CC Datasheet HTML 68Page - STMicroelectronics STM32WB10CC Datasheet HTML 69Page - STMicroelectronics STM32WB10CC Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 110 page
background image
Electrical characteristics
STM32WB10CC
66/110
DS13259 Rev 2
Table 34. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 85 °C
IDD
(Stop 1)
Supply current
in Stop 1 mode,
RTC disabled
BLE disabled
2.4 V 1.85 3.05
5.50
10.0
31.0
-
-
-
µA
3.0 V 1.85 3.05
5.55
10.0
31.5 2.50 9.30 112.6
3.6 V 1.90 3.10
5.65
10.0
32.0 2.60 9.40 115.2
IDD
(Stop 1
with
RTC)
Supply current
in Stop 1 mode,
RTC enabled,
BLE disabled
RTC clocked
by LSI
2.4 V 2.20 3.45
5,85
10.5
31.5
-
-
-
3.0 V 2.30 3.50
6.00
10.5
32.0 3.10 10.9 114.0
3.6 V 2.45 3.65
6.25
11.0
32.5 3.40 10.9 115.4
RTC clocked by
LSE quartz(2) in
Low drive mode
2.4 V 2.05 3.45
5.90
10.5
31.5
-
-
-
3.0 V 2.25 3.60
6.05
10.5
32.0 2.90 10.7 113.8
3.6 V 2.40 3.75
6.30
11.0
32.5 3.10 11.0 114.6
IDD
(wakeup
from
Stop1)
Supply current
during wakeup
from Stop 1
bypass mode
Wakeup clock
HSI16. See (3).
3.0 V
-77
-
-
-
-
-
-
Wakeup clock
MSI = 32 MHz.
See (3).
-54
-
-
-
-
-
-
1. Evaluated by characterization (mean ± 4 σ), not tested in production, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF
loading capacitors.
3. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 41: Low-
power mode wakeup timings.
Table 35. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 85 °C
IDD
(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled,
BLE disabled
-
2.4 V 99.5
100
105
115
140
-
-
-
µA
3.0 V 100
105
110
115
140
119.1 134.3 331.5
3.6 V 100
105
110
115
145
165.0 135.7 358.2
Supply current
during wakeup
from Stop 0
Bypass mode
Wakeup clock
HSI16. See (2).
3.0 V
-
217
-
-
-
-
-
-
Wakeup clock
MSI = 32 MHz.
See (2).
-
234
-
-
-
-
-
-
1. Evaluated by characterization (mean ± 4 σ), not tested in production, unless otherwise specified.
2. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 41:
Low-power mode wakeup timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com