Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB10CC Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32WB10CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB10CC Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32WB10CC Datasheet HTML 95Page - STMicroelectronics STM32WB10CC Datasheet HTML 96Page - STMicroelectronics STM32WB10CC Datasheet HTML 97Page - STMicroelectronics STM32WB10CC Datasheet HTML 98Page - STMicroelectronics STM32WB10CC Datasheet HTML 99Page - STMicroelectronics STM32WB10CC Datasheet HTML 100Page - STMicroelectronics STM32WB10CC Datasheet HTML 101Page - STMicroelectronics STM32WB10CC Datasheet HTML 102Page - STMicroelectronics STM32WB10CC Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
DS13259 Rev 2
99/110
STM32WB10CC
Electrical characteristics
102
Table 76. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
2.0 < VDD < 3.6 V
--
32
MHz
Slave receiver mode
2.0 < VDD < 3.6 V
--
32
Slave mode transmitter/full duplex
2.7 < VDD < 3.6 V
--
32(2)
Slave mode transmitter/full duplex
2.0 < VDD < 3.6 V
--
24(2)
tsu(NSS) NSS setup time
Slave mode, SPI prescaler = 2
4 x TPCLK
--
-
th(NSS) NSS hold time
Slave mode, SPI prescaler = 2
2 x TPCLK
--
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
TPCLK - 1.5
TPCLK
TPCLK + 1
tsu(MI)
Data input setup time
Master mode
6.5
-
-
ns
tsu(SI)
Slave mode
1.5
-
-
th(MI)
Data input hold time
Master mode
4.5
-
-
th(SI)
Slave mode
1.5
-
-
ta(SO)
Data output access time
Slave mode
9.0
-
34
tdis(SO) Data output disable time
9.0
-
16
tv(SO)
Data output valid time
Slave mode 2.7 < VDD < 3.6 V
-
10.5
13.0
Slave mode 2.0 < VDD < 3.6 V
-
10.5
20.5
tv(MO)
Master mode (after enable edge)
-
2.5
3.0
th(SO)
Data output hold time
Slave mode (after enable edge)
8.0
-
-
th(MO)
Master mode (after enable edge)
1.0
-
-
1. Evaluated by characterization, not tested in production.
2. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI), which has to fit into SCK low
or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while Duty(SCK) = 50 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com