Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7116C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # ICL7116C/D
Description  3쩍 Digit ADCs with Display Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7116C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  ICL7116C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
This device conforms to the Absolute Maximum Ratings on adjacent page.
● Guaranteed Overload Recovery Time
● Significantly Improved ESD Protection (Note 8)
● Low Noise
● Key Parameters Guaranteed Over Temperature
● Negligible Hysteresis
● Maxim Quality and Reliability
● Increased Maximum Rating for Input Current (Note 9)
Note 3: Unless otherwise noted, specifications apply to both the ICL7116 and ICL7117 at TA = +25°C, fCLOCK = 48kHz. ICL7116 is
tested in the circuit of Figure 1. ICL7117 is tested in the circuit of Figure 2.
Note 4: Refer to “Differential input” discussion (see Maxim’s ICL7106/ICL7107 data sheet).
Note 5: Backplane drive is in phase with segment drive for ‘off’ segment, 180º out of phase for on segment. Frequency is 20 times
the conversion rate. Average DC component is less than 50mV.
Note 6: The ICL7116 logic input has an internal pulldown resistor connected from HLDR, pin 1, to TEST, pin 37. The ICL7117 logic
input has an internal pulldown resistor connected from HLDR. Pin 1, to GROUND, pin 21.
(Specifications below satisfy or exceed all ‘tested’ parameters on adjacent page V+ = 9V, TA = +25ºC, fCLOCK = 48kHz; test circuit =
Figure 1 (ICL7116), Figure 2 (ICL7117), unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Zero Input Reading
VIN = 0V
Full Scale = 200.00mV
TA = +25°C (Note 7)
-000.0
±000.0 +000.0
Digital
Reading
0°C ≤ TA ≤ +70°C (Note 11)
-000.0
±000.0 +000.0
Ratiometric Reading
VIN = VREF = 100mV
TA = +25°C (Note 7)
999
999/
1000
1000
Digital
Reading
0°C ≤ TA ≤ +70°C (Note 11)
999
999/
1000
1001
Rollover Error (Difference in Reading for
Equal Positive and Negative Reading Near
Full Scale)
-VIN = +VIN = 200mV
TA = +25°C (Note 7)
-1
±0.2
+1
Counts
0°C ≤ TA ≤ +70°C (Note 11)
±0.2
Linearity (Max. Deviation from Best Straight
Line Fit)
Full Scale = 200mV
or Full Scale = 2.00mV
-1
±0.2
+1
Counts
PARAMETER
CONDITIONS
MIN
TYP
MAX
VIL, Pin 1 (ICL7117 Only)
GND +1.5
V
VIH, Pin 1 (Both)
V+ - 1.5
V
ICL7116 Only (Note 5)
Pk-Pk Segment Drive Voltage,
Pk-Pk Backplane Drive Voltage
V+ to V- = 9V
4
5
6
V
4
5
6
ICL7117 Only (Except Pin 19) Segment
Sinking Current
V+ = 5.0V
Segment Voltage = 3V
5
8.0
mA
(Pin 19 Only)
10
16
ICL7116/ICL7117
3½ Digit ADCs with Display Hold
www.maximintegrated.com
Maxim Integrated │ 3
Absolute Maximum Ratings
Electrical Characteristics (continued) (Note 3)
Maxim Advantages
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com