Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7116C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # ICL7116C/D
Description  3쩍 Digit ADCs with Display Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7116C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  ICL7116C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7116C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications below satisfy or exceed all ‘tested’ parameters on adjacent page V+ = 9V, TA = +25ºC, fCLOCK = 48kHz; test circuit =
Figure 1 (ICL7116), Figure 2 (ICL7117), unless otherwise noted.)
Note 7: Test condition is VIN applied between pins IN HI and IN LO i.e., 1MΩ resistor in Figure 1 and Figure 2.
Note 8: All pins are designed to withstand electrostatic discharge (ESD) levels in excess of 2000V (Test circuit per MIL. Std. 883C.
Method 3015 2).
Note 9: Input voltages may exceed the supply voltage provided the input current is limited to ±1mA (This revises Note 1 on the
adjacent page).
Note 10: Number of measurement cycles for display to give accurate reading.
Note 11: 1MΩ resistor is removed in Figure 1 and Figure 2.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Rejection Ratio (Note 4)
VCM = ±1V, VIN = 0V
Full Scale = 200.00mV
50
µV/V
Noise (Pk-Pk Value Not Exceeded 95%
of the Time)
VIN = 0V
Full Scale = 200.00mV
15
µV
Input Leakage Current
VIN = 0V, TA = +25°C (Note 7)
1
10
pA
0°C ≤ TA ≤ +70°C
20
200
Zero Reading Drift
VIN = 0V, 0°C ≤ TA ≤ +70°C
0.2
1
µV/°C
Scale Factor Temperature Coefficient
VIN = 199.0mV
0°C ≤ TA ≤ +70°C
(Ext. Ref. 0ppm/°C)
1
5
ppm/°C
V+ Supply Current (Does Not Include LED
Current for ICL7117)
VIN = 0V, TA = +25°C
0.8
1.8
mA
0°C ≤ TA ≤ +70°C
2
V- Supply Current for ICL7117 Only
0.6
1.8
mA
Analog Common Voltage (With Respect to
Positive Supply)
25Ω Between Common and Positive Supply
2.4
2.8
3.2
V
Temperature Coefficient of Analog Common
(With Respect to Pos. Supply)
25Ω Between Common and Positive Supply
80
ppm/°C
Input Resistance, Pin 1 (Note 6)
30
70
kΩ
VIL, Pin 1 (ICL7116 Only)
TEST + 1.5
V
VIL, Pin 1 (ICL7117 Only)
GND + 1.5
V
VIH, Pin 1 (Both)
V+ - 1.5
V
ICL7116 Only (Note 5)
Pk-Pk Segment Drive Voltage,
Pk-Pk Backplane Drive Voltage
V+ to V- = 9V
4
5
6
V
ICL7117 Only (Except Pin 19) Segment
Sinking Current
V+ = 5.0V
Segment Voltage = 3V
5
8.0
mA
(Pin 19 Only)
10
16
ICL7116 Only – Test Pin Voltage
With respect to V+
4
5
6
V
Overload Recovery Time
(Note 10)
VIN changing from ±10V to 0V
0
1
Measur-
ement
Cycles
ICL7116/ICL7117
3½ Digit ADCs with Display Hold
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com